Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8593P Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PCF8593P
Description  Low power clock/calendar
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8593P Datasheet(HTML) 4 Page - NXP Semiconductors

  PCF8593P Datasheet HTML 1Page - NXP Semiconductors PCF8593P Datasheet HTML 2Page - NXP Semiconductors PCF8593P Datasheet HTML 3Page - NXP Semiconductors PCF8593P Datasheet HTML 4Page - NXP Semiconductors PCF8593P Datasheet HTML 5Page - NXP Semiconductors PCF8593P Datasheet HTML 6Page - NXP Semiconductors PCF8593P Datasheet HTML 7Page - NXP Semiconductors PCF8593P Datasheet HTML 8Page - NXP Semiconductors PCF8593P Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
1997 Mar 25
4
Philips Semiconductors
Product specification
Low power clock/calendar
PCF8593
5 BLOCK DIAGRAM
handbook, full pagewidth
MBD808
control/status
hundredths of a second
seconds
minutes
hours
year/date
weekdays/months
timer
alarm control
alarm registers
or RAM
DIVIDER
1 : 256
100 : 128
100 Hz
OSCILLATOR
32.768 kHz
CONTROL
LOGIC
RESET
ADDRESS
REGISTER
OSCI
OSCO
INT
SCL
SDA
PCF8593
0F
08
07
01
00
I C-BUS
INTERFACE
2
RESET
VSS
VDD
1
2
7
3
6
5
8
4
Fig.1 Block diagram.
6 PINNING
SYMBOL
PIN
DESCRIPTION
OSCI
1
oscillator input, 50 Hz or event-pulse
input
OSCO
2
oscillator output
RESET
3
reset input (active LOW)
VSS
4
negative supply
SDA
5
serial data input/output
SCL
6
serial clock input
INT
7
open drain interrupt output
(active LOW)
VDD
8
positive supply
Fig.2 Pin configuration.
1
2
3
4
8
7
6
5
PCF8593P
PCF8593T
VSS
OSCI
OSCO
SCL
SDA
VDD
MBD809
INT
RESET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com