Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8593P Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PCF8593P
Description  Low power clock/calendar
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8593P Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PCF8593P Datasheet HTML 3Page - NXP Semiconductors PCF8593P Datasheet HTML 4Page - NXP Semiconductors PCF8593P Datasheet HTML 5Page - NXP Semiconductors PCF8593P Datasheet HTML 6Page - NXP Semiconductors PCF8593P Datasheet HTML 7Page - NXP Semiconductors PCF8593P Datasheet HTML 8Page - NXP Semiconductors PCF8593P Datasheet HTML 9Page - NXP Semiconductors PCF8593P Datasheet HTML 10Page - NXP Semiconductors PCF8593P Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
1997 Mar 25
7
Philips Semiconductors
Product specification
Low power clock/calendar
PCF8593
Fig.4 Register arrangement.
handbook, full pagewidth
control/status
hundredths of a second
1/10 s
seconds
minutes
hours
year/date
weekday/month
timer
10 s
10 min
10 h
10 day
10 month
10 day
1/100 s
1 s
1 min
1 h
1 day
1 month
1 day
alarm control
hundredths of a second
1/10 s
1/100 s
alarm seconds
alarm minutes
alarm hours
alarm month
alarm timer
alarm date
control/status
D1
D3
D5
free
free
free
timer
T1
alarm control
alarm
alarm
D1
D3
D5
D0
D2
D4
T0
D0
D2
D4
free
free
free
alarm timer
00
01
02
03
04
05
06
07
08
09
0A
0B
0C
0D
0E
0F
CLOCK MODES
EVENT COUNTER
MBD811



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com