Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8593P Datasheet(PDF) 12 Page - NXP Semiconductors

Part # PCF8593P
Description  Low power clock/calendar
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8593P Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button PCF8593P Datasheet HTML 8Page - NXP Semiconductors PCF8593P Datasheet HTML 9Page - NXP Semiconductors PCF8593P Datasheet HTML 10Page - NXP Semiconductors PCF8593P Datasheet HTML 11Page - NXP Semiconductors PCF8593P Datasheet HTML 12Page - NXP Semiconductors PCF8593P Datasheet HTML 13Page - NXP Semiconductors PCF8593P Datasheet HTML 14Page - NXP Semiconductors PCF8593P Datasheet HTML 15Page - NXP Semiconductors PCF8593P Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
1997 Mar 25
12
Philips Semiconductors
Product specification
Low power clock/calendar
PCF8593
Fig.10 Alarm control register, event-counter mode.
handbook, full pagewidth
memory location 08
timer function :
000
no timer
001
units
010
100
011
10 000
100
1 000 000
101
not allowed
110
not allowed
111
test mode, all counters
in parallel
timer interrupt enable :
0
timer flag, no interrupt
1
timer flag, interrupt
clock alarm function :
00
no event alarm
01
event alarm
10
not allowed
11not allowed
timer alarm enable :
0
no timer alarm
1
timer alarm
alarm interrupt enable :
0
alarm flag, no interrupt
1
alarm flag, interrupt
7
654
321
0
MSB
LSB
MBD817
7.9
Interrupt output
The conditions for activating the open-drain n-channel
interrupt output INT (active LOW) are determined by
appropriate programming of the alarm control register.
These conditions are clock alarm, timer alarm, timer
overflow, and event counter alarm. An interrupt occurs
when the alarm flag or the timer flag is set, and the
corresponding interrupt is enabled. In all events, the
interrupt is cleared only by software resetting of the flag
which initiated the interrupt.
In the clock mode, if the alarm enable is not activated
(alarm enable bit of control/status register is logic 0), the
interrupt output toggles at 1 Hz with a 50% duty cycle (may
be used for calibration). The OFF voltage of the interrupt
output may exceed the supply voltage, up to a maximum
of 6.0 V. A logic diagram of the interrupt output is shown in
Fig.11.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com