Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8593P Datasheet(PDF) 20 Page - NXP Semiconductors

Part # PCF8593P
Description  Low power clock/calendar
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8593P Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button PCF8593P Datasheet HTML 16Page - NXP Semiconductors PCF8593P Datasheet HTML 17Page - NXP Semiconductors PCF8593P Datasheet HTML 18Page - NXP Semiconductors PCF8593P Datasheet HTML 19Page - NXP Semiconductors PCF8593P Datasheet HTML 20Page - NXP Semiconductors PCF8593P Datasheet HTML 21Page - NXP Semiconductors PCF8593P Datasheet HTML 22Page - NXP Semiconductors PCF8593P Datasheet HTML 23Page - NXP Semiconductors PCF8593P Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
1997 Mar 25
20
Philips Semiconductors
Product specification
Low power clock/calendar
PCF8593
Notes
1. Typical values measured at Tamb =25 °C.
2. When powering up the device, VDD must exceed the specified minimum value by 300 mV to guarantee correct
start-up of the oscillator.
3. Event counter mode: supply current dependent upon input frequency.
4. Tested on sample basis.
Ci
input capacitance
note 4
−−
7pF
OSCI and RESET
ILI
input leakage current
Vl =VDD or VSS
−250
−
+250
nA
INT
IOL
LOW level output current
VOL = 0.4 V
1
−−
mA
ILI
input leakage current
Vl =VDD or VSS
−1
−
+1
µA
SCL
Ci
input capacitance
note 4
−−
7pF
ILI
input leakage current
VI =VDD or VSS
−1
−
+1
µA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.(1)
MAX.
UNIT
Fig.21 Typical supply current in clock mode as a function of supply voltage.
handbook, halfpage
0
12
8
4
0
246
MBD826
IDDO
(
µA)
VDD (V)
fSCL = 32 kHz; Tamb =25 °C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com