Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8593P Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PCF8593P
Description  Low power clock/calendar
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8593P Datasheet(HTML) 3 Page - NXP Semiconductors

  PCF8593P Datasheet HTML 1Page - NXP Semiconductors PCF8593P Datasheet HTML 2Page - NXP Semiconductors PCF8593P Datasheet HTML 3Page - NXP Semiconductors PCF8593P Datasheet HTML 4Page - NXP Semiconductors PCF8593P Datasheet HTML 5Page - NXP Semiconductors PCF8593P Datasheet HTML 6Page - NXP Semiconductors PCF8593P Datasheet HTML 7Page - NXP Semiconductors PCF8593P Datasheet HTML 8Page - NXP Semiconductors PCF8593P Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
1997 Mar 25
3
Philips Semiconductors
Product specification
Low power clock/calendar
PCF8593
1
FEATURES
• I2C-bus interface operating supply voltage: 2.5 to 6.0 V
• Clock operating supply voltage (Tamb =0to+70 °C):
1.0 to 6.0 V
• 8 bytes scratchpad RAM (when alarm not used)
• Data retention voltage: 1.0 to 6.0 V
• External RESET input resets I2C interface (only)
• Operating current (fscl = 0 Hz, 32 kHz time base,
VDD = 2.0 V): typ. 1 µA
• Clock function with four year calendar
• Universal timer with alarm and overflow indication
• 24 or 12 hour format
• 32.768 kHz or 50 Hz time base
• Serial input/output bus (I2C-bus)
• Automatic word address incrementing
• Programmable alarm, timer and interrupt function
• Space-saving SO8 package available
• Slave address:
– READ A3
– WRITE A2.
2
GENERAL DESCRIPTION
The PCF8593 is a CMOS clock/calendar circuit, optimized
for low power consumption. Addresses and data are
transferred serially via the two-line bidirectional I2C-bus.
The built-in word address register is incremented
automatically after each written or read data byte.
The built-in 32.768 kHz oscillator circuit and the first 8
bytes of RAM are used for the clock/calendar and counter
functions. The next 8 bytes may be programmed as alarm
registers or used as free RAM space.
3 QUICK REFERENCE DATA
4 ORDERING INFORMATION
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VDD
supply voltage operating mode
I2C-bus active
2.5
−
6.0
V
I2C-bus inactive
1.0
−
6.0
V
IDD
supply current operating mode
fscl = 100 kHz
−−
200
µA
IDD
supply current clock mode
fscl = 0 Hz; VDD =5V
−
4.0
15.0
µA
fscl = 0 Hz; VDD =2V
−
1.0
8.0
µA
Tamb
operating ambient temperature
−40
−
+85
°C
Tstg
storage temperature
−65
−
+150
°C
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
PCF8593P
DIP8
plastic dual in-line package; 8 leads (300 mil)
SOT97-1
PCF8593T
SO8
plastic small outline package; 8 leads; body width 3.9 mm
SOT96-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com