Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8593P Datasheet(PDF) 10 Page - NXP Semiconductors

Part # PCF8593P
Description  Low power clock/calendar
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8593P Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button PCF8593P Datasheet HTML 6Page - NXP Semiconductors PCF8593P Datasheet HTML 7Page - NXP Semiconductors PCF8593P Datasheet HTML 8Page - NXP Semiconductors PCF8593P Datasheet HTML 9Page - NXP Semiconductors PCF8593P Datasheet HTML 10Page - NXP Semiconductors PCF8593P Datasheet HTML 11Page - NXP Semiconductors PCF8593P Datasheet HTML 12Page - NXP Semiconductors PCF8593P Datasheet HTML 13Page - NXP Semiconductors PCF8593P Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
1997 Mar 25
10
Philips Semiconductors
Product specification
Low power clock/calendar
PCF8593
Fig.8 Alarm control register, clock mode.
handbook, full pagewidth
memory location 08
timer function :
000
no timer
001
hundredths of a second
010
seconds
011
minutes
100
hours
101
days
110
not used
111
test mode, all counters
in parallel
timer interrupt enable :
0
timer flag, no interrupt
1
timer flag, interrupt
clock alarm function :
00
no clock alarm
01
daily alarm
10
weekday alarm
11
dated alarm
timer alarm enable :
0
no timer alarm
1
timer alarm
alarm interrupt enable :
(valid only when 'alarm enable' in
control/status register is set)
0
alarm flag, no interrupt
1
alarm flag, interrupt
7
654
321
0
MSB
LSB
MBD815



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com