Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8812U/2 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PCF8812U/2
Description  65 x 102 pixels matrix LCD driver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8812U/2 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PCF8812U/2 Datasheet HTML 2Page - NXP Semiconductors PCF8812U/2 Datasheet HTML 3Page - NXP Semiconductors PCF8812U/2 Datasheet HTML 4Page - NXP Semiconductors PCF8812U/2 Datasheet HTML 5Page - NXP Semiconductors PCF8812U/2 Datasheet HTML 6Page - NXP Semiconductors PCF8812U/2 Datasheet HTML 7Page - NXP Semiconductors PCF8812U/2 Datasheet HTML 8Page - NXP Semiconductors PCF8812U/2 Datasheet HTML 9Page - NXP Semiconductors PCF8812U/2 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
2000 Nov 22
6
Philips Semiconductors
Product specification
65
× 102 pixels matrix LCD driver
PCF8812
7.1.8
T1 TO T5: TEST PADS
T1, T3, T4 and T5 must be connected to VSS, T2 must be
left open-circuit. Not accessible to user.
7.1.9
SDIN: SERIAL DATA LINE
Serial data input line.
7.1.10
SCLK: SERIAL CLOCK LINE
Input for the clock signal 0 to 4.0 Mbits/s.
7.1.11
D/C: MODE SELECT
Input to select either command/address or data input.
7.1.12
SCE: CHIP ENABLE
The enable pin allows data to be clocked in; the signal is
active LOW.
7.1.13
OSC: OSCILLATOR
When the on-chip oscillator is used this input must be
connected to VDD. An external clock signal, if used, is
connected to this input. If the oscillator and external clock
are both inhibited by connecting the OSC pin to VSS the
display is not clocked and may be left in a DC state.
To avoid this the chip should always be put into
Power-down mode before stopping the clock.
7.1.14
RES: RESET
This signal will reset the device and must be applied to
properly initialize the chip; the signal is active LOW.
8
FUNCTIONAL DESCRIPTION
8.1
Oscillator
The on-chip oscillator provides the clock signal for the
display system. No external components are required and
the OSC input must be connected to VDD. An external
clock signal, if used, is connected to this input.
8.2
Address Counter (AC)
The address counter assigns addresses to the display
data RAM for writing. The X address X6 to X0 and the
Y address Y3 to Y0 are set separately. After a write
operation the address counter is automatically
incremented by 1 according to the V flag (see Chapter 9).
8.3
Display Data RAM (DDRAM)
The PCF8812 contains a 65
× 102 bit static RAM which
stores the display data. The RAM is divided into 8 banks of
102 bytes (8
× 8 × 102 bits) and one bank of 102 bits
(1
× 102 bits). During RAM access, data is transferred to
the RAM via the serial interface. There is a direct
correspondence between the X address and the column
output number.
8.4
Timing generator
The timing generator produces the various signals
required to drive the internal circuitry. Internal chip
operation is not affected by operations on the data buses.
8.5
Display address counter
The display is generated by continuously shifting rows of
RAM data to the dot matrix LCD via the column outputs.
The display status (all dots on/off and normal/inverse
video) is set by bits E and D in the command ‘display
control’ (see Table 2).
8.6
LCD row and column drivers
The PCF8812 contains 65 row and 102 column drivers,
which connect the appropriate LCD bias voltages in
sequence to the display in accordance with the data to be
displayed. Figure 2 shows typical waveforms. Unused
outputs should be left unconnected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com