Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8812U/2 Datasheet(PDF) 14 Page - NXP Semiconductors

Part # PCF8812U/2
Description  65 x 102 pixels matrix LCD driver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8812U/2 Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button PCF8812U/2 Datasheet HTML 10Page - NXP Semiconductors PCF8812U/2 Datasheet HTML 11Page - NXP Semiconductors PCF8812U/2 Datasheet HTML 12Page - NXP Semiconductors PCF8812U/2 Datasheet HTML 13Page - NXP Semiconductors PCF8812U/2 Datasheet HTML 14Page - NXP Semiconductors PCF8812U/2 Datasheet HTML 15Page - NXP Semiconductors PCF8812U/2 Datasheet HTML 16Page - NXP Semiconductors PCF8812U/2 Datasheet HTML 17Page - NXP Semiconductors PCF8812U/2 Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
2000 Nov 22
14
Philips Semiconductors
Product specification
65
× 102 pixels matrix LCD driver
PCF8812
Table 2
Explanations for symbols in Table 1
BIT
0
1
RESET STATE
PD
chip is active
chip is in Power-down mode
1
V
horizontal addressing
vertical addressing
0
H
use basic instruction set
use extended instruction set
0
PRS
VLCD programming range;
LOW
VLCD programming range;
HIGH
0
D, E
00
display blank
D = 0
10
normal mode
01
all display segments on
E = 0
11
inverse video mode
TC1 to
TC0
00
VLCD temperature
coefficient 0
TC1 to TC0 = 00
01
VLCD temperature
coefficient 1
10
VLCD temperature
coefficient 2
11
VLCD temperature
coefficient 3
S1 to S0
00
2
× voltage multiplier
S1 to S0 = 00
01
3
× voltage multiplier
10
4
× voltage multiplier
11
5
× voltage multiplier
VOP 6to
VOP0
VLCD programming
VOP 6toVOP0 = 0000000
BS2 to
BS0
bias system
BS2 to BS0 = 000
10.1
Initialization
Immediately following power-on, all internal registers as
well as the RAM content are undefined; a reset pulse must
be applied.
Reset is accomplished by applying an external reset pulse
(active LOW) at the pad RES. When reset occurs within
the specified time, all internal registers are reset, however
the RAM is still undefined. The state after reset is
described in Section 10.2.
The RES input must be
≤0.3VDD when VDD reaches
VDD(min) (or higher) within a maximal time tVHRL after VDD
going HIGH (see Fig.16).
10.2
Reset function
After reset the LCD driver has the following state:
• Power-down mode (PD = 1)
• Horizontal addressing (V = 0)
• Normal instruction set (H = 0)
• Display blank (E=D=0)
• Address counter X6 to X0 = 0; Y3 to Y0 = 0
• Temperature control mode (TC1 to TC0 = 0)
• Bias system (BS2 to BS0 = 0)
• VLCD is equal to 0; the HV-generator is switched off
(VOP6toVOP0 = 0 and PRS = 0)
• After power-on; RAM data is undefined; the reset signal
doesn’t change the content of the RAM
• All LCD outputs at VSS (display off).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com