Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8812U/2 Datasheet(PDF) 15 Page - NXP Semiconductors

Part # PCF8812U/2
Description  65 x 102 pixels matrix LCD driver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8812U/2 Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button PCF8812U/2 Datasheet HTML 11Page - NXP Semiconductors PCF8812U/2 Datasheet HTML 12Page - NXP Semiconductors PCF8812U/2 Datasheet HTML 13Page - NXP Semiconductors PCF8812U/2 Datasheet HTML 14Page - NXP Semiconductors PCF8812U/2 Datasheet HTML 15Page - NXP Semiconductors PCF8812U/2 Datasheet HTML 16Page - NXP Semiconductors PCF8812U/2 Datasheet HTML 17Page - NXP Semiconductors PCF8812U/2 Datasheet HTML 18Page - NXP Semiconductors PCF8812U/2 Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 36 page
background image
2000 Nov 22
15
Philips Semiconductors
Product specification
65
× 102 pixels matrix LCD driver
PCF8812
10.3
Function set
10.3.1
PD
• All LCD outputs at VSS (display off)
• Bias generator and VLCD generator off; VLCD can be
disconnected
• Oscillator off (external clock possible)
• Serial bus; command; etc. function
• RAM contents not cleared; RAM data can be written
• VLCD discharged to VSS in Power-down mode.
10.3.2
V
When V = 0, the horizontal addressing is selected. The
data is written into the DDRAM as shown in Fig.5. When
V = 1, the vertical addressing is selected. The data is
written into the DDRAM as shown in Fig.6.
10.3.3
H
When H = 0 the commands ‘display control’, ‘set
Y address’, ‘set X address’ and set the PRS bit (low or high
range of the high voltage generator) can be performed,
when H = 1 the others can be executed. The commands
‘write data’ and ‘function set’ can be executed in both
cases.
10.4
Display control
10.4.1
D AND E
The bits D and E select the display mode (see Table 2).
10.5
Set Y address of RAM
Y3 to Y0 defines the Y address vector address of the
display RAM (see Table 3).
Table 3
X/Y address range: note 1
Note
1. In bank 8 only the LSB is accessed.
10.6
Set X address of RAM
The X address points to the columns. The range of X is 0 to 101 (65H).
10.7
Set HV-generator stages
The PCF8812 incorporates a software configurable voltage multiplier. After reset (RES) the voltage multiplier is set to
2
× VDD2. Other voltage multiplier factors are set via the command ‘Set HV-gen stages’ (see Tables 1 and 2).
Y3
Y2
Y1
Y0
CONTENT
ALLOWED X RANGE
0000
bank 0 (display RAM)
0 to 101
0001
bank 1 (display RAM)
0 to 101
0010
bank 2 (display RAM)
0 to 101
0011
bank 3 (display RAM)
0 to 101
0100
bank 4 (display RAM)
0 to 101
0101
bank 5 (display RAM)
0 to 101
0110
bank 6 (display RAM)
0 to 101
0111
bank 7 (display RAM)
0 to 101
1000
bank 8 (display RAM)
0 to 101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com