Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8812U/2 Datasheet(PDF) 17 Page - NXP Semiconductors

Part # PCF8812U/2
Description  65 x 102 pixels matrix LCD driver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8812U/2 Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button PCF8812U/2 Datasheet HTML 13Page - NXP Semiconductors PCF8812U/2 Datasheet HTML 14Page - NXP Semiconductors PCF8812U/2 Datasheet HTML 15Page - NXP Semiconductors PCF8812U/2 Datasheet HTML 16Page - NXP Semiconductors PCF8812U/2 Datasheet HTML 17Page - NXP Semiconductors PCF8812U/2 Datasheet HTML 18Page - NXP Semiconductors PCF8812U/2 Datasheet HTML 19Page - NXP Semiconductors PCF8812U/2 Datasheet HTML 20Page - NXP Semiconductors PCF8812U/2 Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
2000 Nov 22
17
Philips Semiconductors
Product specification
65
× 102 pixels matrix LCD driver
PCF8812
10.9
Temperature control
Due to the temperature dependency of the liquid crystals
viscosity the LCD controlling voltage VLCD must be
increased with lower temperature to maintain optimum
contrast. There are 4 different temperature coefficients
available in the PCF8812 (see Fig.13). The coefficients
are selected by bits TC1 to TC0. Table 6 shows the typical
values of the different temperature coefficients. The
coefficients are proportional to the programmed VLCD.
10.10 Set VOP value
The operating voltage VLCD can be set by software. The
generated voltage is dependent on temperature,
programmed Temperature Coefficient (TC) and the
programmed voltage at reference temperature (Tcut).
(1)
The voltage at reference temperature [VLCD(T = Tcut)] can
be calculated as follows:
(2)
The parameters are explained in Table 6. The maximum
voltage that can be generated is dependent on the VDD2
voltage and the display load current. Two overlapping
VLCD ranges are selectable via the command ‘HV-gen
control’. For the LOW (PRS = 0) range a = a1 and for the
HIGH (PRS = 1) range a = a2 with steps equal to ‘b’ in both
ranges. It should be noted that the charge pump is turned
off if VOP 6 to 0 and the bit PRS are all set to zero
(see Fig.14).
For MUX 1 to 65 the optimum operating voltage of the
liquid can be calculated as follows;
(3)
where Vth is the threshold voltage of the liquid crystal
material used.
Table 6
Typical values for parameters for the
HV-generator programming
As the programming range for the internally generated
VLCD allows values above the maximum allowed VLCD
(9 V) the user has to ensure, while setting the VOP register
and selecting the Temperature Compensation (TC), that
under all conditions and including all tolerances that VLCD
remains below 9 V.
handbook, halfpage
MGS402
T
VLCD
Tcut
Fig.13 Temperature coefficients.
V
LCD T
()
aV
OP
b
×
+
() 1T T
cut
–
() TC
×
+
()
=
V
LCD T = T
cut
()
aV
OP
b
×
+
()
=
SYMBOL
VALUE
UNIT
a1
2.94 (PRS = 0)
V
a2
6.75 (PRS = 1)
V
b
0.03
V
Tcut
27
°C
V
LCD
165
+
21
1
65
----------
–


×
---------------------------------------
V
th
×
6.85
V
th
×
==



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com