Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8812U/2 Datasheet(PDF) 20 Page - NXP Semiconductors

Part # PCF8812U/2
Description  65 x 102 pixels matrix LCD driver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCF8812U/2 Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button PCF8812U/2 Datasheet HTML 16Page - NXP Semiconductors PCF8812U/2 Datasheet HTML 17Page - NXP Semiconductors PCF8812U/2 Datasheet HTML 18Page - NXP Semiconductors PCF8812U/2 Datasheet HTML 19Page - NXP Semiconductors PCF8812U/2 Datasheet HTML 20Page - NXP Semiconductors PCF8812U/2 Datasheet HTML 21Page - NXP Semiconductors PCF8812U/2 Datasheet HTML 22Page - NXP Semiconductors PCF8812U/2 Datasheet HTML 23Page - NXP Semiconductors PCF8812U/2 Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 36 page
background image
2000 Nov 22
20
Philips Semiconductors
Product specification
65
× 102 pixels matrix LCD driver
PCF8812
13 DC CHARACTERISTICS
VDD = 2.5 to 5.5 V; VSS =0V; VLCD = 4.5 to 9.0 V; Tamb = −40 to +85 °C; unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VDD1
supply voltage
+2.5
−
+5.5
V
VDD2,VDD3
supply voltage for internal
voltage generator
LCD voltage internally
generated (voltage
generator enabled)
+2.5
−
+4.5
V
VLCDIN
LCD input supply voltage
LCD voltage externally
supplied (voltage generator
disabled)
+4.5
−
+9.0
V
VLCDOUT
LCD output supply voltage
LCD voltage internally
generated (voltage
generator enabled); note 1
+4.5
−
+9.0
V
IDD(tot)
total supply current
normal mode; VDD1 = 2.8 V;
VLCD = 7.6 V; fSCLK =0;
Tamb =25 °C; no display
load; 4
× charge pump;
notes 2 and 3
−
220
350
µA
Power-down mode; with
internal or external VLCD
supply voltage; note 4
−
1.5
−µA
ILCDIN
supply current from external
VLCD
VDD1 = 2.8 V; VLCD = 7.6 V;
fSCLK = 0; T = 25 °C;
no display load;
notes 2, 3 and 5
−
30
−µA
Logic
VIL
LOW-level input voltage
VSS
−
0.3VDD
V
VIH
HIGH-level input voltage
0.7VDD
−
VDD
V
IIL
input leakage current
VI =VDD1 or VSS1
−1
−
+1
µA
Column and row outputs
Rcol
column output resistance
COL 0 to COL 101
IL =10 µA outputs tested
one at a time
−
12
20
k
Ω
Rrow
row output resistance
ROW 0 to ROW 64
IL =10 µA outputs tested
one at a time
−
12
20
k
Ω
Vbias(col)
column bias tolerance
COL 0 to COL 101
−100
0
+100
mV
Vbias(row)
row bias tolerance
ROW 0 to ROW 64
−100
0
+100
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com