| Electronic Components Datasheet Search |
|
PCF8812U/2 Datasheet(PDF) 10 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8812U/2 Datasheet(HTML) 10 Page - NXP Semiconductors |
|
10 / 36 page ![]() 2000 Nov 22 10 Philips Semiconductors Product specification 65 × 102 pixels matrix LCD driver PCF8812 handbook, full pagewidth MGS396 012 102 103 104 204 205 206 306 307 308 408 409 410 510 511 512 612 613 614 714 715 716 816 817 818 0 8 917 0 101 X address Y address Fig.6 Sequence of writing data bytes into RAM with horizontal addressing (V = 0). 10 INSTRUCTIONS The instruction format is divided into two modes: If D/C (mode select) is set LOW the current byte is interpreted as command byte (see Table 1). Figure 8 shows an example of a serial data stream for initializing the chip. If D/C is set HIGH the following bytes are stored in the display data RAM. After every data byte the address counter is incremented automatically. The level of the D/C signal is read during the last bit of the data byte. Every instruction can be sent in any order to the PCF8812. The MSB of a byte is transmitted first. Figure 8 shows one possible command stream, used to set-up the LCD driver. The serial interface is initialized when SCE is HIGH. In this state SCLK clock pulses have no effect and no power is consumed by the serial interface. A negative edge on SCE enables the serial interface and indicates the start of a data transmission. Figures 9 and 10 show the serial bus protocol: • When SCE is HIGH, SCLK clocks are ignored. During the HIGH time of SCE the serial interface is initialized (see Fig.12) • SDIN is sampled at the positive edge of SCLK • D/C indicates whether the byte is a command (D/C=0) or RAM data (D/C = 1). It is read with the eighth SCLK pulse • If SCE stays LOW after the last bit of a command/data byte, the serial interface expects DB7 of the next byte at the next positive edge of SCLK (see Fig.12). If SCLK goes LOW after the last data bit (DB0), either: – A rising clock edge is required to latch the last data bit – Or the last bit is latched when SCE goes HIGH. • A reset pulse with RES interrupts the transmission. No data is written into the RAM. The registers are cleared. If SCE is LOW after the positive edge of RES, the serial interface is ready to receive bit 7 of a command/data byte (see Fig.12). |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |