Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCK2021 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PCK2021
Description  CK00 100/133 MHz spread spectrum differential system clock generator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCK2021 Datasheet(HTML) 5 Page - NXP Semiconductors

  PCK2021 Datasheet HTML 1Page - NXP Semiconductors PCK2021 Datasheet HTML 2Page - NXP Semiconductors PCK2021 Datasheet HTML 3Page - NXP Semiconductors PCK2021 Datasheet HTML 4Page - NXP Semiconductors PCK2021 Datasheet HTML 5Page - NXP Semiconductors PCK2021 Datasheet HTML 6Page - NXP Semiconductors PCK2021 Datasheet HTML 7Page - NXP Semiconductors PCK2021 Datasheet HTML 8Page - NXP Semiconductors PCK2021 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Philips Semiconductors
Product data
PCK2021
CK00 (100/133 MHz) spread spectrum differential
system clock generator
2001 Oct 11
5
Table 1. Host swing select functions
MULTSEL0
MULTSEL1
BOARD
IMPEDANCE
IREF
IOH
VOH @ IREF = 2.32 mA
0
0
60
Ω
RREF = 475 1%
IREF = 2.32 mA
IOH = 5*IREF
0.71 V
0
0
50
Ω
RREF = 475 1%
IREF = 2.32 mA
IOH = 5*IREF
0.59 V
0
1
60
Ω
RREF = 475 1%
IREF = 2.32 mA
IOH = 6*IREF
0.85 V
0
1
50
Ω
RREF = 475 1%
IREF = 2.32 mA
IOH = 6*IREF
0.71 V
1
0
60
Ω
RREF = 475 1%
IREF = 2.32 mA
IOH = 4*IREF
0.56 V
1
0
50
Ω
RREF = 475 1%
IREF = 2.32 mA
IOH = 4*IREF
0.47 V
1
1
60
Ω
RREF = 475 1%
IREF = 2.32 mA
IOH = 7*IREF
0.99 V
1
1
50
Ω
RREF = 475 1%
IREF = 2.32 mA
IOH = 7*IREF
0.82 V
0
0
30
Ω
RREF = 221 1%
IREF = 5 mA
IOH = 5*IREF
0.75 V
0
0
25
Ω
RREF = 221 1%
IREF = 5 mA
IOH = 5*IREF
0.62 V
0
1
30
Ω
RREF = 221 1%
IREF = 5 mA
IOH = 6*IREF
0.90 V
0
1
25
Ω
RREF = 221 1%
IREF = 5 mA
IOH = 6*IREF
0.75 V
1
0
30
Ω
RREF = 221 1%
IREF = 5 mA
IOH = 4*IREF
0.60 V
1
0
25
Ω
RREF = 221 1%
IREF = 5 mA
IOH = 4*IREF
0.50 V
1
1
30
Ω
RREF = 221 1%
IREF = 5 mA
IOH = 7*IREF
1.05 V
1
1
25
Ω
RREF = 221 1%
IREF = 5 mA
IOH = 7*IREF
0.84 V
NOTE:
The outputs are optimized for the configurations shown shaded.
CONDITIONS
CONFIGURATION
LOAD
MIN.
MAX.
IOUT
VDD = 3.3 V
All combinations;
see Table 1 above
Nominal test load for
given configuration
–7% of IOH
see Table 1 above
+7% of IOH
see Table 1 above
IOUT
VDD = 3.3 V ±5%
All combinations;
see Table 1 above
Nominal test load for
given configuration
–12% of IOH
see Table 1 above
+12% of IOH
see Table 1 above
POWER-DOWN MODE
PWRDWN
HCLK/HCLKB
3V66
PCI
48MHz
REFCLK
Asserts LOW
0 = Active
Host = 2*IREF
Host_bar = undriven
LOW
LOW
LOW
LOW
NOTE:
The differential outputs should have a voltage forced across them when power-down is asserted.
SPREAD SPECTRUM FUNCTION
SPREAD #
FUNCTION
48 MHz PLL
REFCLK
1
Host, PCI, and 3V66
No Spread
No Spread
0
Host, PCI, and 3V66
spread
t0.5%
No Spread



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com