Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCK2021 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PCK2021
Description  CK00 100/133 MHz spread spectrum differential system clock generator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCK2021 Datasheet(HTML) 3 Page - NXP Semiconductors

  PCK2021 Datasheet HTML 1Page - NXP Semiconductors PCK2021 Datasheet HTML 2Page - NXP Semiconductors PCK2021 Datasheet HTML 3Page - NXP Semiconductors PCK2021 Datasheet HTML 4Page - NXP Semiconductors PCK2021 Datasheet HTML 5Page - NXP Semiconductors PCK2021 Datasheet HTML 6Page - NXP Semiconductors PCK2021 Datasheet HTML 7Page - NXP Semiconductors PCK2021 Datasheet HTML 8Page - NXP Semiconductors PCK2021 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Philips Semiconductors
Product data
PCK2021
CK00 (100/133 MHz) spread spectrum differential
system clock generator
2001 Oct 11
3
PIN DESCRIPTION
PIN(S)
SYMBOL
FUNCTION
1, 2, 8, 9,
12, 18, 24,
25, 31, 37,
40
VDD
3.3 V power supply
Pins 9, 12, and 18 supply host output pairs 0, 1, and 2.
Pins 37 and 40 supply host output pairs 3, 4, and 5.
3, 4
48M_0/SELA
48M_1/SELB
3.3 V fixed 48 MHz clock outputs. During power-up pins function as latched inputs that enable SELA and
SELB prior to the pins being used for output of 3 V at 48 MHz. Part must be clocked to latch data in.
6
3V66
66 MHz clock: 66 MHZ reference clock
10, 11
HCLK0
HCLKB0
Host output pair 0
13, 14
HCLK1
HCLKB1
Host output pair 1
16, 17
HCLK2
HCLKB2
Host output pair 2
47, 48
PCI0
PCI1
33 MHz clocks: 33 MHz reference clocks
39, 38
HCLK3
HCLKB3
Host output pair 3
36, 35
HCLK4
HCLKB4
Host output pair 4
33, 32
HCLK5
HCLKB5
Host output pair 5
19
REF
3.3 V fixed 14.318 MHz output
20
SPREAD
Enables spread spectrum mode when held LOW on differential host outputs, 3V66 and PCI clocks.
Asserts LOW.
22
XIN
Crystal input
23
XOUT
Crystal output
26
IREF
This pin controls the reference current for the host pairs. This pin requires a fixed precision resistor tied to
ground in order to establish the correct current.
29, 30
MULTSEL0
MULTSEL1
Select input pin used to control the scaling of the HCLK and HCLKB output current.
41
PWRDWN
Device enters power-down mode when held LOW. Asserts LOW.
45
SEL133/100
Select input pin for enabling 133 MHz or 100 MHz CPU outputs
5, 7, 15,
21, 27, 28,
34, 46
VSS
Ground
43
VDDA
3.3 V power supply for analog circuits
42
VSSA
Ground for analog circuits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com