Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCK2021 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PCK2021
Description  CK00 100/133 MHz spread spectrum differential system clock generator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCK2021 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PCK2021 Datasheet HTML 5Page - NXP Semiconductors PCK2021 Datasheet HTML 6Page - NXP Semiconductors PCK2021 Datasheet HTML 7Page - NXP Semiconductors PCK2021 Datasheet HTML 8Page - NXP Semiconductors PCK2021 Datasheet HTML 9Page - NXP Semiconductors PCK2021 Datasheet HTML 10Page - NXP Semiconductors PCK2021 Datasheet HTML 11Page - NXP Semiconductors PCK2021 Datasheet HTML 12Page - NXP Semiconductors PCK2021 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Philips Semiconductors
Product data
PCK2021
CK00 (100/133 MHz) spread spectrum differential
system clock generator
2001 Oct 11
9
3V66 Outputs
Tamb = 0 to +70 °C
SYMBOL
PARAMETER
LIMITS
UNITS
NOTES
SYMBOL
PARAMETER
MIN
MAX
UNITS
NOTES
tPERIOD
Period
15.0
16.0
ns
2, 3, 9, 19
tHIGH
High time
5.25
N/A
ns
5, 10, 19
tLOW
Low time
5.05
N/A
ns
6, 10, 19
tRISE
Rise time
0.5
2.0
ns
8, 19
tFALL
Fall time
0.5
2.0
ns
17, 19
DUTY CYCLE
Duty cycle
45
55
%
17, 19
tJITTER
Cycle-to-cycle jitter
—
400
ps
17, 19
REFER TO NOTES ON PAGE 10.
REF clock output
Tamb = 0 to +70 °C; lump capacitance test load = 20 pF
LIMITS
SYMBOL
PARAMETER
48 MHz MODE
UNITS
NOTES
MIN
MAX
f
Frequency, actual
14.318
MHz
16, 19
tJITTER
Cycle-to-cycle jitter
—
300
ps
17, 19
DUTY CYCLE
Output duty cycle
45
55
%
17, 19
REFER TO NOTES ON PAGE 10.
All outputs
Tamb = 0 to +70 °C
LIMITS
SYMBOL
PARAMETER
133 MHz MODE
100 MHz MODE
UNITS
NOTES
MIN
MAX
MIN
MAX
tPZL, tPZH
Output enable delay (all outputs)
1.0
10.0
1.0
10.0
ns
19
tPZL, tPZH
Output disable delay (all outputs)
1.0
10.0
1.0
10.0
ns
19
tSTABLE
All clock stabilization from power-up
—
3
—
3
ms
7, 19
REFER TO NOTES ON PAGE 10.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com