Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCK2021 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # PCK2021
Description  CK00 100/133 MHz spread spectrum differential system clock generator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCK2021 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button PCK2021 Datasheet HTML 6Page - NXP Semiconductors PCK2021 Datasheet HTML 7Page - NXP Semiconductors PCK2021 Datasheet HTML 8Page - NXP Semiconductors PCK2021 Datasheet HTML 9Page - NXP Semiconductors PCK2021 Datasheet HTML 10Page - NXP Semiconductors PCK2021 Datasheet HTML 11Page - NXP Semiconductors PCK2021 Datasheet HTML 12Page - NXP Semiconductors PCK2021 Datasheet HTML 13Page - NXP Semiconductors PCK2021 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
Philips Semiconductors
Product data
PCK2021
CK00 (100/133 MHz) spread spectrum differential
system clock generator
2001 Oct 11
10
Group offset limits
GROUP
OFFSET
MEASUREMENT LOADS
(LUMPED)
MEASUREMENT POINTS
NOTES
3V66 to PCI
0–500 ps, 3V66 leads
30 pF
1.5 V
18, 19
NOTES TO THE AC TABLES:
1. Output drivers must have monotonic rise/fall times through the specified VOL/VOH levels.
2. Period, jitter, offset, and skew measured on rising edge at 1.5 V for 3.3 V clocks.
3. PCI is a fixed 33 MHz and 3V66 is a fixed 66 MHz.
4. Frequency accuracy of 48 MHz must be +167 ppm to match USB default.
5. tHIGH is measured at 2.4 V for 3.3 V outputs, as shown in Figure 7.
6. tLOW is measured at 0.4 V for all outputs as shown in Figure 7.
7. the time is specified from when VDDQ achieves its normal operating level (typical condition VDDQ = 3.3 V) until the frequency output is stable
and operating within specification.
8. tRISE and tFALL are measured as a transition through the threshold region VOL = 0.4 V and VOH = 2.4 V (1 mA) JEDEC specification.
9. The average period over any 1
µs period of time must be greater than the minimum specified period.
10. Calculated at minimum edge rate (1 V/ns) to guarantee 45–55% duty cycle. Pulse width is required to be wider at faster edge rate to ensure
duty specification is met.
11. Test load is RS = 33.2 Ω, RP = 49.9 Ω.
12. Must be guaranteed in a realistic system environment.
13. Configured for VOH = 0.71 V in a 50 Ω environment.
14. Measured at crossing points.
15. Measured at 20% to 80%.
16. Frequency generated by crystal oscillator
17. Voltage measure point (VM = 1.5 V).
18. All offsets are to be measured at rising edges.
19. Parameters are guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com