Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCK2021 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # PCK2021
Description  CK00 100/133 MHz spread spectrum differential system clock generator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCK2021 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button PCK2021 Datasheet HTML 7Page - NXP Semiconductors PCK2021 Datasheet HTML 8Page - NXP Semiconductors PCK2021 Datasheet HTML 9Page - NXP Semiconductors PCK2021 Datasheet HTML 10Page - NXP Semiconductors PCK2021 Datasheet HTML 11Page - NXP Semiconductors PCK2021 Datasheet HTML 12Page - NXP Semiconductors PCK2021 Datasheet HTML 13Page - NXP Semiconductors PCK2021 Datasheet HTML 14Page - NXP Semiconductors PCK2021 Datasheet HTML 15Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
Philips Semiconductors
Product data
PCK2021
CK00 (100/133 MHz) spread spectrum differential
system clock generator
2001 Oct 11
12
SW00669
PWRDWN
HOST CLK
(INTERNAL)
PCICLK
(INTERNAL)
PCICLK
(EXTERNAL)
HOST CLK
(EXTERNAL)
PWRDWN
OSC & VCO
USB (48 MHz)
Figure 5. Power management
DUT
HOST
HOST_BAR
CL
CL
RS
RS
RS = 33.2 Ω
RP = 50 Ω
RP = 50 Ω
VDD
CRYSTAL
14.318 MHz
SW00671
Figure 6. HOST CLOCK measurements
tPERIOD
tHIGH
tRISE
tFALL
tLOW
3.3V CLOCKING
INTERFACE
2.4 V
1.5 V
0.4 V
SW00943
DUTY CYCLE
Figure 7. 3.3 V clock waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com