Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCK2021 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # PCK2021
Description  CK00 100/133 MHz spread spectrum differential system clock generator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCK2021 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button PCK2021 Datasheet HTML 7Page - NXP Semiconductors PCK2021 Datasheet HTML 8Page - NXP Semiconductors PCK2021 Datasheet HTML 9Page - NXP Semiconductors PCK2021 Datasheet HTML 10Page - NXP Semiconductors PCK2021 Datasheet HTML 11Page - NXP Semiconductors PCK2021 Datasheet HTML 12Page - NXP Semiconductors PCK2021 Datasheet HTML 13Page - NXP Semiconductors PCK2021 Datasheet HTML 14Page - NXP Semiconductors PCK2021 Datasheet HTML 15Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
Philips Semiconductors
Product data
PCK2021
CK00 (100/133 MHz) spread spectrum differential
system clock generator
2001 Oct 11
11
AC WAVEFORMS
VM = 1.25 V @ VDDL and 1.5 V @ VDD3
VX = VOL + 0.3 V
VY = VOH – 0.3 V
VOL and VOH are the typical output voltage drop that occur with the output load.
50%
HOST CLK
VOH
VSS
SW00962
50%
tPERIOD
Figure 1. HOST CLOCK
VDDL
VOH = 2.4 V
VIH = 2.0 V
1.5 V
VIL = 0.7 V
VOL = 0.4 V
VSS
SYSTEM
MEASUREMENT
POINTS
COMPONENT
MEASUREMENT
POINTS
SW00668
Figure 2. 3.3 V clock waveforms
tPLZ
tPZL
VI
SEL1,
SEL0
GND
VDD
OUTPUT
LOW-to-OFF
OFF-to-LOW
VOL
VOH
OUTPUT
HIGH-to-OFF
OFF-to-HIGH
VSS
outputs
enabled
outputs
enabled
outputs
disabled
tPHZ
VM
VM
VM
tPZH
VX
VY
SW00662
Figure 3. State enable and disable times
PULSE
GENERATOR
RT
VI
DUT
VO
CL
VDD
TEST
S1
tPLH/tPHL
Open
tPLZ/tPZL
2 VDD
tPHZ/tPZH
VSS
Open
VSS
S1
2
VDD
VDD = VDD3
500
Ω
500
Ω
SW00963
Figure 4. Load circuitry for switching times



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com