Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0121 Datasheet(PDF) 3 Page - Christian Bürkert GmbH & Co. KG

Part # 0121
Description  Direct-acting 2/2 or 3/2-way pivoted armature valve
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

0121 Datasheet(HTML) 3 Page - Christian Bürkert GmbH & Co. KG

  0121 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 0121 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 0121 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 0121 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 0121 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 0121 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 0121 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 0121 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 0121 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Type 0121
3 | 16
Visit product website 
1.
General technical data
Product properties
Dimensions
Further information can be found in chapter “5. Dimensions” on page 8.
Materials
Seal
FKM
FFKM
EPDM
Body
PTFE
PVC (resistant according to DIN 8062, 8061)
Stainless steel 1.4401
PVDF (on request)
Material resistance
Further information can be found in chapter “4.1. Bürkert resistApp” on page 7.
Weight
Standard version
Stainless steel body: 0.9 kg
PVC body: 0.38 kg
PTFE body: 0.5 kg
Explosion-proof version
Stainless steel body: 1.15 kg
PVC body: 0.62 kg
PTFE body: 0.75 kg
Orifice
DN 2…DN 8
FFKM only possible up to DN 6.0
Circuit function
Further information can be found in chapter “2. Circuit functions” on page 5.
Thermal insulation class of
solenoid coil
H
Performance data
Duty cycle
With stainless steel
100 %
With PTFE
40 % duty cycle (60 % intermittent operation) in 10 min at 8 W version
100 % duty cycle for 5 W version or high-capacity electronic
With PVC
10 % duty cycle (10 min)
100 % duty cycle for version with high-capacity electronic
Switching frequency
Standard version
Max. 100/min with AC
Max. 10/min for UC (high-capacity electronic)
Explosion-proof version
Medium temperature up to + 70 °C: max. 20/min
Medium temperature up to + 90 °C: max. 5/min
Switching time 1.) standard version
Frequency AC
Opening: 20 ms
Closing: 11 ms
Frequency DC
Opening: 11 ms
Closing: 8 ms
Response time 1.) explosion-proof version
Orifice DN 2…DN 8
Opening: 30 ms
Closing: 40 ms
Electrical data
Power consumption standard
Frequency AC
Inrush: 30 VA
Hold: 15 VA
Hold: 8 W
Frequency DC
Cold: 11 W
Warm: 8 W
Power consumption explosion-proof version
Frequency AC/DC
Inrush: 40 W
Hold: 3 W
Voltage
Standard version
24 V/50 Hz, 110 V/50 Hz, 230 V/50 Hz, 120 V/60 Hz, 240 V/60 Hz, 12 V/DC, 24 V/DC
(further voltages on request)
Explosion-proof version
24 V, 230 V (further voltages on request)
Voltage tolerance
± 10 %



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com