Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0121 Datasheet(PDF) 7 Page - Christian Bürkert GmbH & Co. KG

Part # 0121
Description  Direct-acting 2/2 or 3/2-way pivoted armature valve
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

0121 Datasheet(HTML) 7 Page - Christian Bürkert GmbH & Co. KG

Back Button 0121 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 0121 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 0121 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 0121 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 0121 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 0121 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 0121 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 0121 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 0121 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Type 0121
7 | 16
Visit product website 
4.
Materials
4.1. Bürkert resistApp
Bürkert resistApp – Chemical resistance chart
You want to ensure the reliability and durability of the materials in your individual application
case? Verify your combination of media and materials on our website or in our resistApp.
Start chemical resistance check
4.2. Material specifications
Note:
This sectional drawing shows the standard version with PVC housing and FKM seal.
6
1
2
4
5
3
No. Element
Material
1
Coil
Epoxy
2
O-ring
FKM, FFKM, EPDM
3
Toggle pin
PTFE
4
Seal
FKM, FFKM, EPDM
5
Seat
PTFE
PVC (resistant according to DIN 8062, 8061)
Stainless steel 1.4401
6
Valve body
PTFE
PVC (resistant according to DIN 8062, 8061)
Stainless steel 1.4401



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com