Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0121 Datasheet(PDF) 1 Page - Christian Bürkert GmbH & Co. KG

Part # 0121
Description  Direct-acting 2/2 or 3/2-way pivoted armature valve
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

0121 Datasheet(HTML) 1 Page - Christian Bürkert GmbH & Co. KG

  0121 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 0121 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 0121 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 0121 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 0121 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 0121 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 0121 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 0121 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 0121 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Visit product website 
DATA SHEET
Type 1087
Timer,
form A according to
DIN EN 175301 - 803
Type 2518
Cable plug,
form A according to
DIN EN 175301 - 803
Type 2509
Cable plug,
form A according to
DIN EN 175301 - 803
Standard | EU | en | 2023 - 12 - 11 | 12
Direct-acting 2/2 or 3/2-way pivoted armature valve
• Direct-acting, media-separated valve up to DN 8
• Maintenance-free pivoted armature technology
• Vibration-proof, block screwed coil system
• Service-friendly, robust manual override
• Explosion-proof variants
The 0121 valve is a direct-acting, media separated pivoted armature valve. It is
available as a 2/2 and 3/2-way variant. As a 3/2-way variant, it can be used as a
distributor or mixing valve. Various diaphragm materials and circuit functions are
available depending on the actual application. The range of bodies includes stain-
less steel, PTFE and PVC versions. The solenoid coils are moulded with a chemi-
cally resistant epoxy. Since the coil system is separated from the medium by a
diaphragm, the valve is especially suitable for critical media such as aggressive
acids and lyes. The 0121 is equipped with manual override for start-up and testing.
To reduce energy demands, all the coils can be delivered with electronic power
reduction or as an impulse variant. The switching status can be indicated via posi-
tion feedback as a binary or NAMUR signal.
Product variants described in the data sheet may differ from the product presentation and description.
Type description
Can be combined with
Type 0121
© Christian Bürkert GmbH & Co. KG, Subject to alteration


Similar Part No. - 0121

ManufacturerPart #DatasheetDescription
logo
Lumberg
0121 LUMBERG-0121 Datasheet
768Kb / 3P
DIN circular connectors
logo
Littelfuse
01210001 LITTELFUSE-01210001 Datasheet
1Mb / 1P
101/102/105/107/109/121/125/127/129 Series Rivet/Eyelet Mount Fuse Clips for 1/4?? 13/16??Dia. Fuses
Revised: 04/19/16
01210001H LITTELFUSE-01210001H Datasheet
660Kb / 4P
Fuse Blocks and Clips - For 3AG Fuses
01210001H-ND LITTELFUSE-01210001H-ND Datasheet
660Kb / 4P
Fuse Blocks and Clips - For 3AG Fuses
01210001Z LITTELFUSE-01210001Z Datasheet
660Kb / 4P
Fuse Blocks and Clips - For 3AG Fuses
More results

Similar Description - 0121

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS54 MOTOROLA-SN54LS54 Datasheet
48Kb / 2P
3-2-2-3-INPUT AND-OR-INVERT GATE
logo
ON Semiconductor
MC10105 ONSEMI-MC10105 Datasheet
100Kb / 5P
Triple 2-3-2-Input OR/NOR Gate
1996 REV 5
MC10H105 ONSEMI-MC10H105 Datasheet
94Kb / 3P
Triple 2-3-2-Input OR/NOR Gate
REV 5
MC10105 ONSEMI-MC10105_02 Datasheet
107Kb / 8P
Triple 2-3-2-Input OR/NOR Gate
January, 2002 ??Rev. 7
logo
Transcom, Inc.
TPD03-02G04S TRANSCOM-TPD03-02G04S Datasheet
84Kb / 1P
2-4GHz 3-Way Power Divider
logo
Taoglas antenna solutio...
MB200C TAOGLAS-MB200C Datasheet
603Kb / 12P
Magneto 3 Way Base Mount for LTE or WIFI MIMO 2*2 antennas
logo
TT Electronics.
DS1561 TTELEC-DS1561 Datasheet
312Kb / 1P
2 Way Direct Acting
DS1571 TTELEC-DS1571 Datasheet
312Kb / 1P
3 Way Direct Acting
DS1581 TTELEC-DS1581 Datasheet
325Kb / 1P
2, 3 & 5 Valve Manifolds
logo
List of Unclassifed Man...
FAB ETC-FAB Datasheet
575Kb / 22P
Discrete direct acting 2 port solenoid valve for compressed air, manifold
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com