Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0121 Datasheet(PDF) 12 Page - Christian Bürkert GmbH & Co. KG

Part # 0121
Description  Direct-acting 2/2 or 3/2-way pivoted armature valve
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

0121 Datasheet(HTML) 12 Page - Christian Bürkert GmbH & Co. KG

Back Button 0121 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 0121 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 0121 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 0121 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG 0121 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG 0121 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG 0121 Datasheet HTML 14Page - Christian Bürkert GmbH & Co. KG 0121 Datasheet HTML 15Page - Christian Bürkert GmbH & Co. KG 0121 Datasheet HTML 16Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
Type 0121
12 | 16
Visit product website 
8.
Product accessories
8.1. Accessories standard version
Option
Variable code
Specifications
Oxygen versions
NL02
Suitable for applications with oxygen (non-metal materials that are in contact
with the medium, are tested and approved according to BAM)
Increased purity requirements,
e.g. oil, grease and silicone-free
NL50/
NL05
Wetted parts are specially cleaned and packaged in accordance with the valves
Electrical feedback
LF03
See Type 1060 . Function as opener, closer or toggle switch depending on the
connection (no IP65 achievable)
High-power electronics
CZ05
Inrush power 60 W, nominal holding current 3 W; with plastic versions 100 %
duty cycle is now feasible
Vacuum version
NA02
Suitable for vacuum up to - 0.98 bar
Improved purity and tightness
requirements
NA03
Wetted parts are specially cleaned and leak tested to 10-4 mbar x l/sec
Coil with reduced power (5 W)
–
Devices have lower pressure range; with plastic versions 100 % duty cycle is
now feasible
Cable plug
JHxx/
JGxx/
JFxx
Cable plug is part of the delivery.
Cable plug versions (according to DIN EN 175301 - 803 form A),
see separate data sheet Type 2518  and Type 2509 
Approvals
PD02
UR (UL Recognized)/CSA approval
PE95
UL (UL Listed) approval
PR05
cFMus approved coil
Class I, Division 1, Groups A, B, C and D - T4
Class II, Division 1, Groups E, F and G - T4
Class III, Division 1 - T4
Class I, Zone 1, AEx mb IIC T4 Gb, Zone 21 AEx mb IIIC T130 °C Db
Ex mb IIC T4 Gb; Ex mb IIIC T130 °C Db
PU15
UL Listed for Hazardous Locations for USA and Canada, Class I,
Zone 1, AEx eb mb IIC T4; Zone 21, AEx mb tb IIIC T130 °C / Class I, Div 2,
Group A,B,C,D; Class II+III, Div 2, Group F,G
PX41
EPS 16 ATEX 1111 X/IECEx EPS 16.0049X, 2G T4 IIC/2D T130 °C IIIC,
Tamb - 40 °C…+ 60 °C, single and block mounting
Possible conformities (depending on
the assembly)
–
EAC, drinking water, FDA
8.2. Accessories explosion-proof version
Option
Variable code
Specifications
Oxygen versions
NL02
Suitable for applications with oxygen (non-metal materials that are in contact
with the medium, are tested and approved according to BAM)
Increased purity requirements,
e.g. oil, grease and silicone-free
NL50/
NL05
Wetted parts are specially cleaned and packaged in accordance with the valves
Vacuum version
NA02
Suitable for vacuum up to - 0.98 bar
Increased purity and tightness
requirements
NA03
Wetted parts are specially cleaned and leak tested to 10-4 mbar x l/sec



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com