Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0121 Datasheet(PDF) 13 Page - Christian Bürkert GmbH & Co. KG

Part # 0121
Description  Direct-acting 2/2 or 3/2-way pivoted armature valve
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

0121 Datasheet(HTML) 13 Page - Christian Bürkert GmbH & Co. KG

Back Button 0121 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 0121 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 0121 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 0121 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG 0121 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG 0121 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG 0121 Datasheet HTML 14Page - Christian Bürkert GmbH & Co. KG 0121 Datasheet HTML 15Page - Christian Bürkert GmbH & Co. KG 0121 Datasheet HTML 16Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Type 0121
13 | 16
Visit product website 
8.3. Cable glands for ATEX/IECEx terminal box
Note:
A polyamide cable gland is included in the scope of delivery. A nickel-plated brass version can be ordered for a surcharge, see “Cable
glands for ATEX/IECEx terminal box” on page 16.
Description
Ex approvals
Dimensions
Certification
Identification
Ex cable gland,
Nickel-plated brass, 6…13 mm
PTB 04 ATEX 1112 X,
IECEx PTB 13.0027X
II 2 G Ex e IIC Gb,
II 2 D Ex tb IIIC Db IP68
TL
29…37 mm
L
6 mm
D
20 mm
SW 24 mm
E
27 mm
Ex cable gland,
Polyamide, 7…13 mm
PTB 13 ATEX 1015 X,
IECEx PTB 13.0034X
II 2 G Ex e IIC Gb,
II 2 D Ex tb IIIC Db IP68
TL
36…45 mm
L
10 mm
D
20 mm
SW 24 mm
E
28 mm
8.4. Special tool to turn the terminal box
Note:
This special tool is not included in the scope of delivery of the valve, see “Cable glands for ATEX/IECEx terminal box” on page 16.
Description
Components of the set
Set SC02-AC10
• Special wrench
• Service manual
9.
Ordering information
9.1. Bürkert eShop
Bürkert eShop – Easy ordering and quick delivery
You want to find your desired Bürkert product or spare part quickly and order directly? Our
online shop is available for you 24/7. Sign up and enjoy all the benefits.
Order online now



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com