Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0121 Datasheet(PDF) 4 Page - Christian Bürkert GmbH & Co. KG

Part # 0121
Description  Direct-acting 2/2 or 3/2-way pivoted armature valve
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

0121 Datasheet(HTML) 4 Page - Christian Bürkert GmbH & Co. KG

  0121 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 0121 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 0121 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 0121 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 0121 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 0121 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 0121 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 0121 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 0121 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Type 0121
4 | 16
Visit product website 
Medium data
Operating medium
With FKM
Oxydizing acids and substances, hot oils with additives, salt solutions, waste gases
With FFKM
Aggressive mediums, hot air, hot oils, aromatics, ether, esther, ketones
With EPDM
Alkalis, acids to medium concentrations, alkaline washing and bleaching lyes
All Materials
Further information can be found in chapter “4.1. Bürkert resistApp” on page 7
Medium temperature standard version
With body material PTFE or
stainless steel
EPDM: - 30 °C…+ 90 °C
FKM: - 10 °C…+ 90 °C
FFKM: - 10 °C…+ 90 °C
With body material PVC
EPDM: - 30 °C…+ 50 °C
FKM: - 10 °C…+ 50 °C
FFKM: - 10 °C…+ 50 °C
Medium temperature explosion-proof version
With body material PTFE or
stainless steel
EPDM: - 20 °C…+ 90 °C
FKM: - 10 °C…+ 90 °C
FFKM: - 10 °C…+ 90 °C
With body material PVC
EPDM: - 20 °C…+ 50 °C
FKM: - 10 °C…+ 50 °C
FFKM: - 10 °C…+ 50 °C
Viscosity
Max. 37 mm²/s
Process/Port connection & communication
Electrical connection
Standard version
Plug contact according to DIN EN 175 301 - 803 form A for cable plug Type 2518 
Plug contact according to DIN EN 175 301 - 803 form A for cable plug Type 2509 
(Also available with pressed-in cable or terminal box on request.)
Further information can be found in chapter “9.5. Ordering chart accessories” on page 15.
Explosion-proof version
Pressed-in cable cable (HO5RN-F3G, 3 x 0.75 mm²)
Terminal box without safety fuse
(Information about ACP016 see operating manual.)
Approvals and conformities
Standard version
Degree of protection
IP65 with cable plug
Explosion-proof version
Degree of protection
IP65
Explosion protection
Further information can be found in chapter “3.4. Explosion protection” on page 5.
Environment and installation
Installation
As required, preferably with actuator upright
Ambient temperature
Standard version
Max. + 50 °C
Explosion-proof version
Max. + 55 °C
1.) Measurement at + 20 °C, 6 bar at the valve outlet, opening: pressure build-up 0…90 %, closing: pressure reduction 100…10 %



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com