Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS7347IPHPR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # THS7347IPHPR
Description  3-Channel RGBHV Video Buffer with I2C??Control, 2:1 Input Mux, Monitor Pass-Through, and Selectable Input Bias Modes
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS7347IPHPR Datasheet(HTML) 4 Page - Texas Instruments

  THS7347IPHPR Datasheet HTML 1Page - Texas Instruments THS7347IPHPR Datasheet HTML 2Page - Texas Instruments THS7347IPHPR Datasheet HTML 3Page - Texas Instruments THS7347IPHPR Datasheet HTML 4Page - Texas Instruments THS7347IPHPR Datasheet HTML 5Page - Texas Instruments THS7347IPHPR Datasheet HTML 6Page - Texas Instruments THS7347IPHPR Datasheet HTML 7Page - Texas Instruments THS7347IPHPR Datasheet HTML 8Page - Texas Instruments THS7347IPHPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
www.ti.com
THS7347
SLOS531 – MAY 2007
ELECTRICAL CHARACTERISTICS, V
A = VDD = 3.3 V (continued)
R
L = 150 Ω
5 pF to GND for Monitor Output, 19 k
Ω || 8 pF Load to GND for Buffer Output, SAG pin shorted to Monitor
Output Pin, unless otherwise noted.
TYP
OVER TEMPERATURE
0
°C to
–40
°C to
MIN/MAX/
PARAMETER
TEST CONDITIONS
+25
°C
+25
°C
+70
°C
+85
°C
UNIT
TYP
DC PERFORMANCE, continued
Input bias current
Bias = dc; (–) implies IB out of the pin
–1.3
–3.0
–3.5
–3.5
µA
Max
Average bias current drift
Bias = dc
10
nA/
°C
Typ
Bias = ac STC, low bias
2.3
0.9/3.6
0.8/3.8
0.7/3.9
µA
Min/Max
Sync tip clamp bias current
Bias = ac STC, mid bias
5.8
3.8/8.0
3.7/8.2
3.6/8.3
µA
Min/Max
Bias = ac STC, high bias
8.1
5.7/10.8
5.6/11.0
5.5/11.1
µA
Min/Max
INPUT CHARACTERISTICS
Input voltage range
Bias = dc
0 to 2
V
Typ
Bias = ac bias mode
25
k
Ω
Typ
Input resistance
Bias = dc, dc + shift, ac STC
3
M
Ω
Typ
Input capacitance
1.5
pF
Typ
OUTPUT CHARACTERISTICS: MONITOR OUTPUT
RL = 150 Ω to 1.65 V
3.15
2.9
2.8
2.8
V
Min
RL = 150 Ω to GND
3.05
2.85
2.75
2.75
V
Min
High output voltage swing
RL = 75 Ω to 1.65 V
3.05
V
Typ
RL = 75 Ω to GND
2.9
V
Typ
RL = 150 Ω to 1.65 V
0.15
0.25
0.28
0.29
V
Max
RL = 150 Ω to GND
0.1
0.18
0.21
0.22
V
Max
Low output voltage swing
RL = 75 Ω to 1.65 V
0.25
V
Typ
RL = 75 Ω to GND
0.08
V
Typ
Sourcing
80
50
47
45
mA
Min
Output current
RL = 10 Ω to 1.65 V
Sinking
75
50
47
45
mA
Min
OUTPUT CHARACTERISTICS: BUFFER OUTPUT
High output voltage swing
2
1.8
1.75
1.75
V
Min
(Limited by input range and G = 0 dB)
Load = 19 k
Ω 8 pF to 1.65 V
Low Output voltage swing
0.05
0.12
0.13
0.14
V
Max
(Limited by input range and G = 0 dB)
Sourcing
RL = 10 Ω to GND
80
50
47
45
mA
Min
Output Current
Sinking
RL = 10 Ω to 1.65 V
75
50
47
45
mA
Min
POWER SUPPLY: ANALOG
Maximum operating voltage
VA
3.3
5.5
5.5
5.5
V
Max
Minimum operating voltage
VA
3.3
2.7
2.7
2.7
V
Min
Maximum quiescent current
VA, dc + shift mode, VIN = 100 mV
80
100
103
105
mA
Max
Minimum quiescent current
VA, dc + shift mode, VIN = 100 mV
80
60
57
55
mA
Min
Power supply rejection (+PSRR)
Buffer output
50
dB
Typ
POWER SUPPLY: DIGITAL
Maximum operating voltage
VDD
3.3
5.5
5.5
5.5
V
Max
Minimum operating voltage
VDD
3.3
2.7
2.7
2.7
V
Min
Maximum quiescent current
VDD, VIN = 0 V
0.65
1.2
1.3
1.4
mA
Max
Minimum quiescent current
VDD, VIN = 0 V
0.65
0.35
0.3
0.25
mA
Min
DISABLE CHARACTERISTICS: ALL CHANNELS DISABLED
Quiescent current
All channels disabled
0.1
µA
Typ
Turn-on time delay (tON)
5
µs
Typ
Time for lS to reach 50% of final value
after I2C control is initiated
Turn-on time delay (tOFF)
2
µs
Typ
4
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com