Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS7347IPHPR Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # THS7347IPHPR
Description  3-Channel RGBHV Video Buffer with I2C??Control, 2:1 Input Mux, Monitor Pass-Through, and Selectable Input Bias Modes
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS7347IPHPR Datasheet(HTML) 21 Page - Texas Instruments

Back Button THS7347IPHPR Datasheet HTML 17Page - Texas Instruments THS7347IPHPR Datasheet HTML 18Page - Texas Instruments THS7347IPHPR Datasheet HTML 19Page - Texas Instruments THS7347IPHPR Datasheet HTML 20Page - Texas Instruments THS7347IPHPR Datasheet HTML 21Page - Texas Instruments THS7347IPHPR Datasheet HTML 22Page - Texas Instruments THS7347IPHPR Datasheet HTML 23Page - Texas Instruments THS7347IPHPR Datasheet HTML 24Page - Texas Instruments THS7347IPHPR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
www.ti.com
THS7347
SLOS531 – MAY 2007
Table 4. THS7347 Channel Register (H/V Sync Channel + Analog Channels State) Bit Decoder Table.
Use in Conjunction With Register Bit Code (0000 0100)
BIT
BIT
FUNCTION
VALUE(S)
RESULT
(MSB)
Reserved; Do not care
X
Reserved; do not care
7
0
Disables all monitor channels regardless of bits 2:0 of Register 1
Monitor Pass-Through Path Disable
through Register 3
6
Mode
1
Enables monitor channels functions dictated by each programmed
(Use in Conjunction with Table 3)
register code
0
Disables all buffer channels regardless of bits 2:0 of Register 1
through Register 3
Buffer Path Disable Mode
5
(Use in Conjunction with Table 3)
1
Enables buffer channel functions dictated by each programmed
register code
0 0
MUX Input A
0 1
MUX Input B
4, 3
Vertical Sync Channel MUX Selection
1 0
Reserved; do not care
1 1
Reserved; do not care
0 0
MUX Input A
0 1
MUX Input B
2, 1
Horizontal Sync Channel MUX Selection
1 0
Reserved; do not care
1 1
Reserved; do not care
0
Disable H-Sync and V-Sync Channels
0
H/V Sync Paths Disable Mode
(LSB)
1
Enable H-Sync and V-Sync Channels
Bit (MSB) 7: Reserved; do not care.
Bit 6: Master Monitor Path Disable. Disables all monitor channels regardless of what is programmed into
each register channel (1 to 3).
Bit 5: Master Buffer Path Disable. Disables all buffer channels regardless of what is programmed into each
register channel (1 to 3).
Bits 4, 3: Selects the Input MUX channel for the Vertical Sync.
Bits 2, 1: Selects the Input MUX channel for the Horizontal Sync.
Bit 0 (LSB): Enables or disables the H-Sync and V-Sync Channels.
21
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com