Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS7347IPHPR Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # THS7347IPHPR
Description  3-Channel RGBHV Video Buffer with I2C??Control, 2:1 Input Mux, Monitor Pass-Through, and Selectable Input Bias Modes
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS7347IPHPR Datasheet(HTML) 22 Page - Texas Instruments

Back Button THS7347IPHPR Datasheet HTML 18Page - Texas Instruments THS7347IPHPR Datasheet HTML 19Page - Texas Instruments THS7347IPHPR Datasheet HTML 20Page - Texas Instruments THS7347IPHPR Datasheet HTML 21Page - Texas Instruments THS7347IPHPR Datasheet HTML 22Page - Texas Instruments THS7347IPHPR Datasheet HTML 23Page - Texas Instruments THS7347IPHPR Datasheet HTML 24Page - Texas Instruments THS7347IPHPR Datasheet HTML 25Page - Texas Instruments THS7347IPHPR Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 28 page
background image
www.ti.com
WRITE AND READ EXAMPLES
WRITING TO THE THS7347
THS7347
SLOS531 – MAY 2007
These examples illustrate the proper way to write to and read from the THS7347.
An I2C master initiates a write operation to the THS7347 by generating a start condition (S) followed by the
THS7347 I2C address, in MSB-first order, followed by a '0' to indicate a write cycle. After receiving an
acknowledge from the THS7347, the master presents the subaddress (channel) it wants to write, consisting of
one byte of data, MSB first. The THS7347 acknowledges the byte after completion of the transfer. Finally, the
master presents the data it wants to write to the register (channel) and the THS7347 acknowledges the byte.
The I2C master then terminates the write operation by generating a stop condition (P). Note that the THS7347
does not support multi-byte transfers. To write to all three channels (or registers), this procedure must be
repeated for each register, one series at a time (that is, repeat steps 1 through 8 for each channel).
Step 1
0
I2C Start (Master)
S
Step 2
7
6
5
4
3
2
1
0
I2C General Address (Master)
0
1
0
1
1
X
X
0
Where each X logic state is defined by I2C-A1 and I2C-A0 pins being tied to either VDD or GND.
Step 3
9
I2C Acknowledge (Slave)
A
Step 4
7
6
5
4
3
2
1
0
I2C Write Channel Address (Master)
0
0
0
0
0
Addr
Addr
Addr
Where Addr is determined by the values shown in Table 2.
Step 5
9
I2C Acknowledge (Slave)
A
Step 6
7
6
5
4
3
2
1
0
I2C Write Data (Master)
Data
Data
Data
Data
Data
Data
Data
Data
Where Data is determined by the values shown in Table 3.
Step 7
9
I2C Acknowledge (Slave)
A
Step 8
0
I2C Stop (Master)
P
22
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com