Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS7347IPHPR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # THS7347IPHPR
Description  3-Channel RGBHV Video Buffer with I2C??Control, 2:1 Input Mux, Monitor Pass-Through, and Selectable Input Bias Modes
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS7347IPHPR Datasheet(HTML) 1 Page - Texas Instruments

  THS7347IPHPR Datasheet HTML 1Page - Texas Instruments THS7347IPHPR Datasheet HTML 2Page - Texas Instruments THS7347IPHPR Datasheet HTML 3Page - Texas Instruments THS7347IPHPR Datasheet HTML 4Page - Texas Instruments THS7347IPHPR Datasheet HTML 5Page - Texas Instruments THS7347IPHPR Datasheet HTML 6Page - Texas Instruments THS7347IPHPR Datasheet HTML 7Page - Texas Instruments THS7347IPHPR Datasheet HTML 8Page - Texas Instruments THS7347IPHPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
www.ti.com
FEATURES
APPLICATIONS
DESCRIPTION
3.3V
3.3V
2:1
Input1
0.1 F
m
0.1 F
m
0.1 F
m
In A
InB
Input2
75 W
ADC
AC
Sync
TIP
Clamp
DC
X1
DC
+Offset
AC-
BIAS
+
-
1kW
878 W
675 W
150 W
+
-
Out
SAG
47 F
m
33 F
m
75 W
75 W
Monitor
Output
75 W
SDA
SCL
Disable
=
OPEN
THS7347
SLOS531 – MAY 2007
3-Channel RGBHV Video Buffer with I2C™ Control, 2:1 Input Mux,
Monitor Pass-Through, and Selectable Input Bias Modes
• Projectors
• 3-Video Amplifiers for CVBS, S-Video, EDTV,
HDTV Y'P'BP'R, G'B'R', and R'G'B' Video
• Professional Video Systems
• LCD/DLP®/LOCS Input Buffering
• H/V Sync Paths with Adjustable Schmitt
Trigger
• 2:1 Input Mux
Fabricated using the revolutionary complementary
• I2C Control of All Functions on Each Channel
silicon-germanium
(SiGe)
BiCom3
process,
the
• Unity-Gain Buffer Path for ADC Buffering:
THS7347 is a low-power, single-supply 2.7-V to 5-V
–
500-MHz Bandwidth, 1200-V/
µs Slew Rate
3-channel integrated video buffer with horizontal (H)
• Monitor Pass-Through Function:
and vertical (V) sync signal paths. It incorporates a
500-MHz bandwidth, 1200-V/
µs unity-gain buffer
–
500-MHz Bandwidth, 1300-V/
µs Slew Rate
ideal for driving analog-to-digital converters (ADCs)
–
6-dB Gain with SAG Correction Capable
and video decoders. In parallel with the unity-gain
–
High Output Impedance in Disable State
buffer, a monitor pass-through path allows for
passing the input signal on to other systems. This
• Selectable Input Bias Modes:
path has a 6-dB gain, 500-MHz bandwidth, 1300V/
µs
–
AC-Coupled with Sync-Tip Clamp
slew rate, SAG correction capability, and high output
–
AC-Coupled with Bias
impedance while disabled.
–
DC-Coupled with Offset Shift
Each
channel
of
the
THS7347
is
individually
–
DC-Coupled
I2C-configurable for all functions, including controlling
the 2:1 input mux. Its rail-to-rail output stage allows
• +2.7-V to +5-V Single-Supply Operation
for both ac- and dc-coupling applications.
• Total Power Consumption: 265 mW at 3.3 V
• Disable Function Reduces Current to 0.1 µA
• Rail-to-Rail Output:
–
Output Swings Within 0.1 V of the Rails,
Allowing AC- or DC-Output Coupling
• Lead-free, RoHS TQFP Package
3.3 V Single-Supply Projector Input System with Monitor Pass-Through
(1 of 3 R'G'B' Channels Shown)
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PowerPAD is a trademark of Texas Instruments.
DLP is a registered trademark of Texas Instruments.
I2C is a trademark of NXP Semiconductors, Inc.
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - THS7347IPHPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS7347IPHPR TI1-THS7347IPHPR Datasheet
1Mb / 33P
3-Channel RGBHV Video Buffer with I2C Control, 2:1 Input Mux, Monitor Pass-Through, and Selectable Input Bias Modes
THS7347IPHPR TI2-THS7347IPHPR Datasheet
884Kb / 35P
3-Channel RGBHV Video Buffer with I2C™ Control, 2:1 Input Mux, Monitor Pass-Through, and Selectable Input Bias Modes
REVISED OCTOBER 2011
THS7347IPHPR.B TI2-THS7347IPHPR.B Datasheet
884Kb / 35P
3-Channel RGBHV Video Buffer with I2C™ Control, 2:1 Input Mux, Monitor Pass-Through, and Selectable Input Bias Modes
REVISED OCTOBER 2011
More results

Similar Description - THS7347IPHPR

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
MM1111 MITSUMI-MM1111 Datasheet
231Kb / 10P
2-Input 1-Output Video Switch / 3-Input 1-Output Video Switch
logo
Texas Instruments
THS7303 TI-THS7303 Datasheet
5Mb / 43P
3-Channel Low Power Video Amplifier with I2C Control, Selectable Filters, 6-dB Gain, SAG Correction, 2:1 Input MUX, and Selectable Input Bias Modes
THS7353 TI-THS7353 Datasheet
6Mb / 51P
3-Channel Low Power Video Buffer with I2C Control, Selectable Filters, External Gain Control, 2:1 Input MUX, and Selectable Input Modes
THS7327 TI-THS7327 Datasheet
395Kb / 26P
3-Channel RGBHV Video Buffer with I2C Control, Selectable Filters, Monitor Pass-Thru,2:1 Input MUX, and Selectable Input Bias Modes
THS7313 TI-THS7313 Datasheet
5Mb / 48P
3-Channel Low Power SDTV Video Amplifier with I2C Control, 6-dB Gain, SAG Correction, 2:1 Input MUX, and Selectable Input Bias Modes
logo
Micrel Semiconductor
SY58035U MICREL-SY58035U Datasheet
103Kb / 11P
4.5GHz, 1:6 LVPECL FANOUT BUFFER WITH 2:1 MUX INPUT AND INTERNAL TERMINATION
SY58035U MICREL-SY58035U_10 Datasheet
487Kb / 11P
4.5GHz, 1:6 LVPECL FANOUT BUFFER WITH 2:1 MUX INPUT AND INTERNAL TERMINATION
logo
Texas Instruments
THS7347 TI1-THS7347_15 Datasheet
1Mb / 33P
3-Channel RGBHV Video Buffer with I2C Control, 2:1 Input Mux, Monitor Pass-Through, and Selectable Input Bias Modes
THS7353 TI1-THS7353_15 Datasheet
1Mb / 57P
3-Channel Low Power Video Buffer with I2C Control, Selectable Filters, External Gain Control, 2:1 Input MUX, and Selectable Input Modes
logo
Renesas Technology Corp
552-02S RENESAS-552-02S Datasheet
668Kb / 13P
Low Skew 2-input MUX and 1 to 8 Clock Buffer
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com