Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS7347IPHPR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # THS7347IPHPR
Description  3-Channel RGBHV Video Buffer with I2C??Control, 2:1 Input Mux, Monitor Pass-Through, and Selectable Input Bias Modes
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS7347IPHPR Datasheet(HTML) 8 Page - Texas Instruments

Back Button THS7347IPHPR Datasheet HTML 4Page - Texas Instruments THS7347IPHPR Datasheet HTML 5Page - Texas Instruments THS7347IPHPR Datasheet HTML 6Page - Texas Instruments THS7347IPHPR Datasheet HTML 7Page - Texas Instruments THS7347IPHPR Datasheet HTML 8Page - Texas Instruments THS7347IPHPR Datasheet HTML 9Page - Texas Instruments THS7347IPHPR Datasheet HTML 10Page - Texas Instruments THS7347IPHPR Datasheet HTML 11Page - Texas Instruments THS7347IPHPR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
www.ti.com
THS7347
SLOS531 – MAY 2007
ELECTRICAL CHARACTERISTICS, V
A = VDD = 5 V (continued)
R
L = 150Ω || 5pF to GND for Monitor Output, 19kΩ || 8pF Load to GND for Buffer Output, SAG pin shorted to Monitor Output
Pin, unless otherwise noted.
TYP
OVER TEMPERATURE
0
°C to
–40
°C to
MIN/MAX/
PARAMETER
TEST CONDITIONS
+25
°C
+25
°C
+70
°C
+85
°C
UNIT
TYP
H/V SYNC CHARACTERISTICS: RLoad = 1 kΩ To GND(1)
Schmitt trigger adjust pin voltage
Reference for Schmitt trigger
1.54
1.43/1.65
1.38/1.7
1.35/1.73
V
Min/Max
Schmitt trigger threshold range
Allowable range for Schmitt trigger adjust
0.9 to 2
V
Typ
Positive-going input voltage threshold
Schmitt trigger VT+
0.25
V
Typ
relative to Schmitt trigger threshold
Negative-going input voltage threshold
Schmitt trigger VT–
–0.3
V
Typ
relative to Schmitt trigger threshold
Schmitt trigger threshold pin input
Input resistance into Control pin
10
k
Ω
Typ
resistance
H/V Sync input impedance
10
M
Ω
Typ
H/V Sync high output voltage
1 k
Ω to GND
4.8
4.7
4.6
4.6
V
Min
H/V Sync low output voltage
1 k
Ω to GND
0.01
0.05
0.1
0.1
V
Max
H/V Sync source current
10
Ω to GND
90
60
55
55
mA
Min
H/V Sync sink current
10
Ω to 5 V
50
30
27
25
mA
Min
H/V Delay
Delay from input to output
6.5
ns
Typ
H/V to buffer output skew
5
ns
Typ
(1)
Schmitt trigger threshold is defined by (VT+ – VT–)/2.
8
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com