Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS7347IPHPR Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # THS7347IPHPR
Description  3-Channel RGBHV Video Buffer with I2C??Control, 2:1 Input Mux, Monitor Pass-Through, and Selectable Input Bias Modes
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS7347IPHPR Datasheet(HTML) 19 Page - Texas Instruments

Back Button THS7347IPHPR Datasheet HTML 15Page - Texas Instruments THS7347IPHPR Datasheet HTML 16Page - Texas Instruments THS7347IPHPR Datasheet HTML 17Page - Texas Instruments THS7347IPHPR Datasheet HTML 18Page - Texas Instruments THS7347IPHPR Datasheet HTML 19Page - Texas Instruments THS7347IPHPR Datasheet HTML 20Page - Texas Instruments THS7347IPHPR Datasheet HTML 21Page - Texas Instruments THS7347IPHPR Datasheet HTML 22Page - Texas Instruments THS7347IPHPR Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
www.ti.com
Slave Address
Channel Selection Register Description (Subaddress) and Power-Up Condition (PUC) Pin
THS7347
SLOS531 – MAY 2007
APPLICATIONS INFORMATION (continued)
Both the SDA and the SCL must be connected to a positive supply voltage via a pull-up resistor. These resistors
should range from 2 k
Ω to 19 kΩ in order to comply with the I2C specification. When the bus is free, both lines
are high. The address byte is the first byte received following the START condition from the master device. The
first five bits (MSBs) of the address are factory-preset to 01011. The next two bits of the THS7347 address are
controlled by the logic levels appearing on the I2C, A1 and I2C, A0 pins. The I2C, A1 and I2C, A0 address inputs
can be connected to VDD for logic 1, GND for logic 0, or actively driven by TTL/CMOS logic levels. The device
address is set by the state of these pins and is not latched. Thus, a dynamic address control system could be
used to incorporate several devices on the same system. Up to four THS7347 devices can be connected to the
same I2C bus without requiring additional glue logic. Table 1 lists the possible addresses for the THS7347.
Table 1. THS7347 Slave Addresses
SELECTABLE WITH
READ/WRITE
FIXED ADDRESS
ADDRESS PINS
BIT
Bit 7 (MSB)
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2 (A1)
Bit 1 (A0)
Bit 0 (R/W)
0
1
0
1
1
0
0
0
0
1
0
1
1
0
0
1
0
1
0
1
1
0
1
0
0
1
0
1
1
0
1
1
0
1
0
1
1
1
0
0
0
1
0
1
1
1
0
1
0
1
0
1
1
1
1
0
0
1
0
1
1
1
1
1
The THS7347 operates using only a single-byte transfer protocol similar to that illustrated in Figure 9 and
Figure 11. The internal subaddress registers and the functionality of each are given in Table 2. When writing to
the device, it is required to send one byte of data to the corresponding internal subaddress. If control of all three
channels is desired, then the master must cycle through all the subaddresses (channels) one at a time; see the
example, Writing to the THS7347 (in Section 12) for the proper procedure of writing to the THS7347.
During a read cycle, the THS7347 sends the data in its selected subaddress (or channel) in a single transfer to
the master device requesting the information. See the Reading from the THS7347 example (in Section 12) for
the proper procedure on reading from the THS7347.
On power-up, the THS7347 registers are dictated by the Power-Up Control (PUC) pin. If the PUC pin is tied to
GND, the THS7347 powers up in a fully disabled state. If the PUC pin is tied to VDD, upon power-up the
THS7347 is configured in the following state: ADC buffers disabled, monitor pass-through enabled, and ac-bias
on, for all three input channels. It remains in the state dictated by the PUC unti a valid write sequence is
completed.
Table 2. THS7347 Channel Selection Register Bit Assignments
BIT ADDRESS
REGISTER NAME
(b7b6b5....b0)
Channel 1
0000 0001
Channel 2
0000 0010
Channel 3
0000 0011
Channel H Sync, Channel V Sync, and
0000 0100
Disable Controls
19
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com