Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83848C Datasheet(PDF) 28 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83848C
Description  PHYTER짰 - Commercial Temperature Single Port 10/100 Mb/s Ethernet Physical Layer Transceiver
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83848C Datasheet(HTML) 28 Page - National Semiconductor (TI)

Back Button DP83848C_07 Datasheet HTML 24Page - National Semiconductor (TI) DP83848C_07 Datasheet HTML 25Page - National Semiconductor (TI) DP83848C_07 Datasheet HTML 26Page - National Semiconductor (TI) DP83848C_07 Datasheet HTML 27Page - National Semiconductor (TI) DP83848C_07 Datasheet HTML 28Page - National Semiconductor (TI) DP83848C_07 Datasheet HTML 29Page - National Semiconductor (TI) DP83848C_07 Datasheet HTML 30Page - National Semiconductor (TI) DP83848C_07 Datasheet HTML 31Page - National Semiconductor (TI) DP83848C_07 Datasheet HTML 32Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 82 page
background image
28
www.national.com
4.2.2.1 Digital Adaptive Equalization and Gain Control
When transmitting data at high speeds over copper twisted
pair cable, frequency dependent attenuation becomes a
concern. In high-speed twisted pair signalling, the fre-
quency content of the transmitted signal can vary greatly
during normal operation based primarily on the random-
ness of the scrambled data stream. This variation in signal
attenuation caused by frequency variations must be com-
pensated to ensure the integrity of the transmission.
In order to ensure quality transmission when employing
MLT-3 encoding, the compensation must be able to adapt
to various cable lengths and cable types depending on the
installed environment. The selection of long cable lengths
for a given implementation, requires significant compensa-
tion which will over-compensate for shorter, less attenuat-
ing
lengths.
Conversely,
the
selection
of
short
or
intermediate cable lengths requiring less compensation will
cause serious under-compensation for longer length
cables. The compensation or equalization must be adap-
tive to ensure proper conditioning of the received signal
independent of the cable length.
The DP83848C utilizes an extremely robust equalization
scheme referred as ‘Digital Adaptive Equalization.’
The Digital Equalizer removes ISI (inter symbol interfer-
ence) from the receive data stream by continuously adapt-
ing to provide a filter with the inverse frequency response
of the channel. Equalization is combined with an adaptive
gain control stage. This enables the receive 'eye pattern' to
be opened sufficiently to allow very reliable data recovery.
The curves given in Figure 8 illustrate attenuation at certain
frequencies for given cable lengths. This is derived from
the worst case frequency vs. attenuation figures as speci-
fied in the EIA/TIA Bulletin TSB-36. These curves indicate
the significant variations in signal attenuation that must be
compensated for by the receive adaptive equalization cir-
cuit.
Figure 8. EIA/TIA Attenuation vs. Frequency for 0, 50,
100, 130 & 150 meters of CAT 5 cable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com