Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83848C Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83848C
Description  PHYTER짰 - Commercial Temperature Single Port 10/100 Mb/s Ethernet Physical Layer Transceiver
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83848C Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button DP83848C_07 Datasheet HTML 7Page - National Semiconductor (TI) DP83848C_07 Datasheet HTML 8Page - National Semiconductor (TI) DP83848C_07 Datasheet HTML 9Page - National Semiconductor (TI) DP83848C_07 Datasheet HTML 10Page - National Semiconductor (TI) DP83848C_07 Datasheet HTML 11Page - National Semiconductor (TI) DP83848C_07 Datasheet HTML 12Page - National Semiconductor (TI) DP83848C_07 Datasheet HTML 13Page - National Semiconductor (TI) DP83848C_07 Datasheet HTML 14Page - National Semiconductor (TI) DP83848C_07 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 82 page
background image
11
www.national.com
1.3 Clock Interface
1.4 LED Interface
See Table 3 for LED Mode Selection.
Signal Name
Type
Pin #
Description
X1
I
34
CRYSTAL/OSCILLATOR INPUT: This pin is the primary clock
reference input for the DP83848C and must be connected to a 25
MHz 0.005% (+50 ppm) clock source. The DP83848C supports
either an external crystal resonator connected across pins X1 and
X2, or an external CMOS-level oscillator source connected to pin
X1 only.
RMII REFERENCE CLOCK: This pin is the primary clock refer-
ence input for the RMII mode and must be connected to a 50 MHz
0.005% (+50 ppm) CMOS-level oscillator source.
X2
O
33
CRYSTAL OUTPUT: This pin is the primary clock reference out-
put to connect to an external 25 MHz crystal resonator device.
This pin must be left unconnected if an external CMOS oscillator
clock source is used.
25MHz_OUT
O
25
25 MHz CLOCK OUTPUT:
In MII mode, this pin provides a 25 MHz clock output to the sys-
tem.
In RMII mode, this pin provides a 50 MHz clock output to the sys-
tem.
This allows other devices to use the reference clock from the
DP83848C without requiring additional clock sources.
Signal Name
Type
Pin #
Description
LED_LINK
S, O, PU
28
LINK LED: In Mode 1, this pin indicates the status of the LINK.
The LED will be ON when Link is good.
LINK/ACT LED: In Mode 2 and Mode 3, this pin indicates transmit
and receive activity in addition to the status of the Link. The LED
will be ON when Link is good. It will blink when the transmitter or
receiver is active.
LED_SPEED
S, O, PU
27
SPEED LED: The LED is ON when device is in 100 Mb/s and OFF
when in 10 Mb/s. Functionality of this LED is independent of mode
selected.
LED_ACT/COL
S, O, PU
26
ACTIVITY LED: In Mode 1, this pin is the Activity LED which is
ON when activity is present on either Transmit or Receive.
COLLISION/DUPLEX LED: In Mode 2, this pin by default indi-
cates Collision detection. For Mode 3, this LED output may be
programmed to indicate Full-duplex status instead of Collision.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com