Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83848C Datasheet(PDF) 33 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83848C
Description  PHYTER짰 - Commercial Temperature Single Port 10/100 Mb/s Ethernet Physical Layer Transceiver
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83848C Datasheet(HTML) 33 Page - National Semiconductor (TI)

Back Button DP83848C_07 Datasheet HTML 29Page - National Semiconductor (TI) DP83848C_07 Datasheet HTML 30Page - National Semiconductor (TI) DP83848C_07 Datasheet HTML 31Page - National Semiconductor (TI) DP83848C_07 Datasheet HTML 32Page - National Semiconductor (TI) DP83848C_07 Datasheet HTML 33Page - National Semiconductor (TI) DP83848C_07 Datasheet HTML 34Page - National Semiconductor (TI) DP83848C_07 Datasheet HTML 35Page - National Semiconductor (TI) DP83848C_07 Datasheet HTML 36Page - National Semiconductor (TI) DP83848C_07 Datasheet HTML 37Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 82 page
background image
33
www.national.com
5.0 Design Guidelines
5.1 TPI Network Circuit
Figure 11 shows the recommended circuit for a 10/100
Mb/s twisted pair interface. To the right is a partial list of
recommended transformers. It is important that the user
realize that variations with PCB and component character-
istics requires that the application be tested to ensure that
the circuit meets the requirements of the intended applica-
tion.
Pulse H1102
Pulse H2019
Pulse J0011D21
Pulse J0011D21B
Figure 11. 10/100 Mb/s Twisted Pair Interface
RJ45
RD-
RD+
TD-
TD+
RD-
RD+
TD-
TD+
1:1
0.1µF*
T1
1:1
COMMON MODE CHOKES
MAY BE REQUIRED.
49.9
Ω
49.9
Ω
0.1µF*
Vdd
NOTE: CENTER TAP IS PULLED TO VDD
*PLACE CAPACITORS CLOSE TO THE
TRANSFORMER CENTER TAPS
0.1
µF
All values are typical and are +/- 1%
PLACE RESISTORS AND
CAPACITORS CLOSE TO
THE DEVICE.
Vdd
49.9
Ω
49.9
Ω
0.1
µF
Vdd



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com