Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83848C Datasheet(PDF) 63 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83848C
Description  PHYTER짰 - Commercial Temperature Single Port 10/100 Mb/s Ethernet Physical Layer Transceiver
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83848C Datasheet(HTML) 63 Page - National Semiconductor (TI)

Back Button DP83848C_07 Datasheet HTML 59Page - National Semiconductor (TI) DP83848C_07 Datasheet HTML 60Page - National Semiconductor (TI) DP83848C_07 Datasheet HTML 61Page - National Semiconductor (TI) DP83848C_07 Datasheet HTML 62Page - National Semiconductor (TI) DP83848C_07 Datasheet HTML 63Page - National Semiconductor (TI) DP83848C_07 Datasheet HTML 64Page - National Semiconductor (TI) DP83848C_07 Datasheet HTML 65Page - National Semiconductor (TI) DP83848C_07 Datasheet HTML 66Page - National Semiconductor (TI) DP83848C_07 Datasheet HTML 67Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 82 page
background image
63
www.national.com
8.2 AC Specs
8.2.1 Power Up Timing
Parameter
Description
Notes
Min
Typ
Max
Units
T2.1.1
Post Power Up Stabilization
time prior to MDC preamble for
register accesses
MDIO is pulled high for 32-bit serial man-
agement initialization
X1 Clock must be stable for a min. of
167ms at power up.
167
ms
T2.1.2
Hardware Configuration Latch-
in Time from power up
Hardware Configuration Pins are de-
scribed in the Pin Description section
X1 Clock must be stable for a min. of
167ms at power up.
167
ms
T2.1.3
Hardware Configuration pins
transition to output drivers
50
ns
Vcc
Hardware
RESET_N
MDC
32 clocks
Latch-In of Hardware
Configuration Pins
Dual Function Pins
Become Enabled As Outputs
input
output
T2.1.3
T2.1.2
T2.1.1
X1 clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com