Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83848C Datasheet(PDF) 73 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83848C
Description  PHYTER짰 - Commercial Temperature Single Port 10/100 Mb/s Ethernet Physical Layer Transceiver
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83848C Datasheet(HTML) 73 Page - National Semiconductor (TI)

Back Button DP83848C_07 Datasheet HTML 69Page - National Semiconductor (TI) DP83848C_07 Datasheet HTML 70Page - National Semiconductor (TI) DP83848C_07 Datasheet HTML 71Page - National Semiconductor (TI) DP83848C_07 Datasheet HTML 72Page - National Semiconductor (TI) DP83848C_07 Datasheet HTML 73Page - National Semiconductor (TI) DP83848C_07 Datasheet HTML 74Page - National Semiconductor (TI) DP83848C_07 Datasheet HTML 75Page - National Semiconductor (TI) DP83848C_07 Datasheet HTML 76Page - National Semiconductor (TI) DP83848C_07 Datasheet HTML 77Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 82 page
background image
73
www.national.com
8.2.17 10BASE-T Receive Timing (Start of Packet)
Note: 10BASE-T RX_DV Latency is measured from first bit of preamble on the wire to the assertion of RX_DV
Note: 1 bit time = 100 ns in 10 Mb/s mode.
8.2.18 10BASE-T Receive Timing (End of Packet)
Parameter
Description
Notes
Min
Typ
Max
Units
T2.17.1
Carrier Sense Turn On Delay (PMD
Input Pair to CRS)
630
1000
ns
T2.17.2
RX_DV Latency
10
bits
T2.17.3
Receive Data Latency
Measurement shown from SFD
8
bits
Parameter
Description
Notes
Min
Typ
Max
Units
T2.18.1
Carrier Sense Turn Off Delay
1.0
µs
TPRD
±
CRS
RX_CLK
RX_DV
1st SFD bit decoded
RXD[3:0]
T2.17.1
T2.17.2
T2.17.3
1
01010
101011
Preamble
SFD
Data
0000
1
0
1
PMD Input Pair
RX_CLK
CRS
IDLE
T2.18.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com