Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP83848C Datasheet(PDF) 35 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83848C
Description  PHYTER짰 - Commercial Temperature Single Port 10/100 Mb/s Ethernet Physical Layer Transceiver
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83848C Datasheet(HTML) 35 Page - National Semiconductor (TI)

Back Button DP83848C_07 Datasheet HTML 31Page - National Semiconductor (TI) DP83848C_07 Datasheet HTML 32Page - National Semiconductor (TI) DP83848C_07 Datasheet HTML 33Page - National Semiconductor (TI) DP83848C_07 Datasheet HTML 34Page - National Semiconductor (TI) DP83848C_07 Datasheet HTML 35Page - National Semiconductor (TI) DP83848C_07 Datasheet HTML 36Page - National Semiconductor (TI) DP83848C_07 Datasheet HTML 37Page - National Semiconductor (TI) DP83848C_07 Datasheet HTML 38Page - National Semiconductor (TI) DP83848C_07 Datasheet HTML 39Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 82 page
background image
35
www.national.com
5.4 Power Feedback Circuit
To ensure correct operation for the DP83848C, parallel
caps with values of 10
µF (Tantalum) and 0.1 µF should be
placed close to pin 23 (PFBOUT) of the device.
Pin 18 (PFBIN1) and pin 37 (PFBIN2) must be connected
to pin 23 (PFBOUT), each pin requires a small capacitor
(.1
µF). See Figure 13 below for proper connections.
5.5 Power Down/Interrupt
The Power Down and Interrupt functions are multiplexed
on pin 7 of the device. By default, this pin functions as a
power down input and the interrupt function is disabled.
Setting bit 0 (INT_OE) of MICR (0x11h) will configure the
pin as an active low interrupt output.
5.5.1 Power Down Control Mode
The PWR_DOWN/INT pin can be asserted low to put the
device in a Power Down mode. This is equivalent to setting
bit 11 (Power Down) in the Basic Mode Control Register,
BMCR (0x00h). An external control signal can be used to
drive the pin low, overcoming the weak internal pull-up
resistor. Alternatively, the device can be configured to ini-
tialize into a Power Down state by use of an external pull-
down resistor on the PWR_DOWN/INT pin. Since the
device will still respond to management register accesses,
setting the INT_OE bit in the MICR register will disable the
PWR_DOWN/INT input, allowing the device to exit the
Power Down state.
5.5.2 Interrupt Mechanisms
The interrupt function is controlled via register access. All
interrupt sources are disabled by default. Setting bit 1
(INTEN) of MICR (0x11h) will enable interrupts to be out-
put, dependent on the interrupt mask set in the lower byte
of the MISR (0x12h). The PWR_DOWN/INT pin is asyn-
chronously asserted low when an interrupt condition
occurs. The source of the interrupt can be determined by
reading the upper byte of the MISR. One or more bits in the
MISR will be set, denoting all currently pending interrupts.
Reading of the MISR clears ALL pending interrupts.
Example: To generate an interrupt on a change of link sta-
tus or on a change of energy detect power state, the steps
would be:
— Write 0003h to MICR to set INTEN and INT_OE
— Write 0060h to MISR to set ED_INT_EN and
LINK_INT_EN
— Monitor PWR_DOWN/INT pin
When PWR_DOWN/INT pin asserts low, user would read
the MISR register to see if the ED_INT or LINK_INT bits
are set, i.e. which source caused the interrupt. After read-
ing the MISR, the interrupt bits should clear and the
PWR_DOWN/INT pin will deassert.
5.6 Energy Detect Mode
When Energy Detect is enabled and there is no activity on
the cable, the DP83848C will remain in a low power mode
while monitoring the transmission line. Activity on the line
will cause the DP83848C to go through a normal power up
sequence. Regardless of cable activity, the DP83848C will
occasionally wake up the transmitter to put ED pulses on
the line, but will otherwise draw as little power as possible.
Energy detect functionality is controlled via register Energy
Detect Control (EDCR), address 0x1Dh.
Table 9. 25 MHz Crystal Specification
Parameter
Min
Typ
Max
Units
Condition
Frequency
25
MHz
Frequency
Tolerance
+50
ppm
Operational Tem-
perature
Frequency
Stability
+50
ppm
1 year aging
Load Capacitance
25
40
pF
.1
µF
10
µF
Pin 23 (PFBOUT)
.1
µF
.1
µF
Pin 18 (PFBIN1)
Pin 37 (PFBIN2)
+
-
Figure 13. Power Feeback Connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com