Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3321 Datasheet(PDF) 1 Page - Christian Bürkert GmbH & Co. KG

Part # 3321
Description  Electromotive 2-way globe control valve
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

3321 Datasheet(HTML) 1 Page - Christian Bürkert GmbH & Co. KG

  3321 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 3321 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 3321 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 3321 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 3321 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 3321 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 3321 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 3321 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 3321 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
Visit product website 
DATA SHEET
Type 3320
Electromotive 2/2-way
angle seat valve (ON/
OFF)
Type 3321
Electromotive 2/2-way
globe valve (ON/OFF)
Type 8098
FLOWave SAW
flowmeter
Type ME43
Fieldbus gateway
Standard | EU | en | 2023 - 09 - 05 | 21
Electromotive 2-way globe control valve
• Highly precise, dynamic closed-loop control
• Several K
V values per port size due to removable valve seats
• Weather, impact and vibration resistant design
• Easy to clean thanks to the hygienically designed surface
• Position controller and process controller available
The innovative process controller Bürkert valve Type 3361 is the solution
when it comes to demanding control tasks and operating conditions. The
electromotive actuator with ball screw positions the control cone with highest
precision. A unique feature is its high positioning speed up to 6 mm/s, that
reacts almost delay-free to process signals, and can be varied according to
customer demands. Pressure fluctuations or surges in the medium are not
transferred to the valve position. Each flow optimised valve body can be
equipped with up to 5 different valve seats for a precise adaptation accord-
ing to customer needs. If necessary, the safety position can be approached
by an optional energy storage in case of power failure. Actuator and valve
are adapted perfectly to each other with closed design and robust surface.
This ensures the hygienic requirements of fast and residue-free cleaning.
Harsh environmental conditions are no problem for the Type 3361 because of
the protection class IP65/IP67 and its high impact and vibration resistance.
Unrivalled service life and tightness is guaranteed by the proven self adjusting
packing gland with exchangeable V-seals. The fieldbus suitable Type 3361
provides many helpful functions for process monitoring, valve diagnostics
and predictive maintenance and therefore offers the decisive advantage of a
modern process automation.
Product variants described in the data sheet may differ from the product presentation and description.
Type description
Can be combined with
Type 3361
© Christian Bürkert GmbH & Co. KG, Subject to alteration


Similar Part No. - 3321

ManufacturerPart #DatasheetDescription
logo
Heyco.
3321 HEYCO-3321 Datasheet
75Kb / 1P
Lockit™ Cable Holders - Arrowhead Mount
logo
Christian Bürkert GmbH ...
3321 BURKERT-3321 Datasheet
2Mb / 26P
Electromotive 2/2-way globe valve (ON/OFF)
05.09.2023
3321 BURKERT-3321 Datasheet
2Mb / 22P
Electromotive 2/2-way angle seat valve (ON/OFF)
05.09.2023
3321 BURKERT-3321 Datasheet
2Mb / 26P
Electromotive 2-way angle seat control valve
05.09.2023
logo
Adafruit Industries
3321 ADAFRUIT-3321 Datasheet
211Kb / 2P
Adafruit Mini Color TFT with Joystick FeatherWing
More results

Similar Description - 3321

ManufacturerPart #DatasheetDescription
logo
BELIMO AIRCONTROLS (USA...
ZS-GV-001 BELIMO-ZS-GV-001 Datasheet
160Kb / 1P
Globe Valve Weathershield
ZS-GV-002 BELIMO-ZS-GV-002 Datasheet
137Kb / 1P
Globe Valve Weathershield
logo
Festo Corporation.
151160 FESTO-151160 Datasheet
91Kb / 2P
One-way flow control valve
151167 FESTO-151167 Datasheet
93Kb / 2P
One-way flow control valve
151189 FESTO-151189 Datasheet
92Kb / 1P
One-way flow control valve
151190 FESTO-151190 Datasheet
94Kb / 1P
One-way flow control valve
152611 FESTO-152611 Datasheet
91Kb / 1P
One-way flow control valve
161407 FESTO-161407 Datasheet
86Kb / 2P
One-way flow control valve
162966 FESTO-162966 Datasheet
86Kb / 2P
One-way flow control valve
162968 FESTO-162968 Datasheet
87Kb / 2P
One-way flow control valve
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com