Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3321 Datasheet(PDF) 15 Page - Christian Bürkert GmbH & Co. KG

Part # 3321
Description  Electromotive 2-way globe control valve
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

3321 Datasheet(HTML) 15 Page - Christian Bürkert GmbH & Co. KG

Back Button 3321 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG 3321 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG 3321 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG 3321 Datasheet HTML 14Page - Christian Bürkert GmbH & Co. KG 3321 Datasheet HTML 15Page - Christian Bürkert GmbH & Co. KG 3321 Datasheet HTML 16Page - Christian Bürkert GmbH & Co. KG 3321 Datasheet HTML 17Page - Christian Bürkert GmbH & Co. KG 3321 Datasheet HTML 18Page - Christian Bürkert GmbH & Co. KG 3321 Datasheet HTML 19Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 29 page
background image
Type 3361
15 | 29
Visit product website 
4.5. Body with clamp connection
Note:
Dimensions in mm, unless otherwise stated
LC
Nominal diameter
(Pipe)
Clamp: DIN 32676 A
Pipe: DIN 11850 2, DIN 11866 A, DIN EN 10357 A
Clamp: DIN 32676 B
Pipe: EN ISO 1127 1, ISO 4200, DIN 11866 B
DN
LC
ØD2 C
ØD1 C
SC
LC
ØD2 C
ØD1 C
SC
15
126
19
34
1.5
146
21.3
50.5
1.6
20
136
23
34
1.5
136
26.9
50.5
1.6
25
173
29
50.5
1.5
164
33.7
50.5
2.0
32
179
35
50.5
1.5
–
–
–
–
40
193
41
50.5
1.5
193
48.3
64.0
2.0
50
218
53
64
1.5
218
60.3
77.5
2.0
65
266
70
91
2.0
266
76.1
91
2.0
80
–
–
–
–
286
88.9
106
2.3
100
–
–
–
–
316
114.3
130
2.3
Nominal diameter
(Pipe)
LC
Clamp: ASME BPE, DIN 32676 C
Pipe: ASME BPE, DIN 11866 C
NPS
ØD2 C
ØD1 C
SC
½
122
12.7
25.0
1.65
¾
126
19.05
25.0
1.65
1
126
25.4
50.5
1.65
1½
172
38.1
50.5
1.65
2
182
50.8
64.0
1.65
2½
231
63.5
77.5
1.65
2½
231
63.5
77.5
1.65
3
265
76.2
91.0
1.65
4
315
101.6
119.0
2.11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com