Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3321 Datasheet(PDF) 17 Page - Christian Bürkert GmbH & Co. KG

Part # 3321
Description  Electromotive 2-way globe control valve
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

3321 Datasheet(HTML) 17 Page - Christian Bürkert GmbH & Co. KG

Back Button 3321 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG 3321 Datasheet HTML 14Page - Christian Bürkert GmbH & Co. KG 3321 Datasheet HTML 15Page - Christian Bürkert GmbH & Co. KG 3321 Datasheet HTML 16Page - Christian Bürkert GmbH & Co. KG 3321 Datasheet HTML 17Page - Christian Bürkert GmbH & Co. KG 3321 Datasheet HTML 18Page - Christian Bürkert GmbH & Co. KG 3321 Datasheet HTML 19Page - Christian Bürkert GmbH & Co. KG 3321 Datasheet HTML 20Page - Christian Bürkert GmbH & Co. KG 3321 Datasheet HTML 21Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 29 page
background image
Type 3361
17 | 29
Visit product website 
Overview of flow characteristics with flow below seat
Note:
• K
V value [m
3
/h]: Measured with water acc. to DIN EN 60534 - 2 - 4
• Operating limits, see “5.2. Operating limits” on page 19
Nominal
diameter
(Pipe)
Seat
size
Actuator
force 1.)
Operating pressure
(Seat leakage class)
Charac­
teristics
(theoretical
rangeability)
K
V value at stroke
K
VS
value
Valve seat seal
Stain­
less
steel
PTFE
PEEK
5 % 10 %
30 %
50 %
70 %
90 %
DN
NPS
[N]
[bar(g)]
[m3/h]
[m3/h]
10
⅜2.)
3
1300
25 (IV)
–
–
Linear (10:1)
–
0.003 0.015 0.037 0.065 0.090 0.10
4
Linear (25:1)
–
0.015 0.1
0.19
0.27
0.33
0.35
4
Linear (10:1)
–
0.050 0.16
0.27
0.36
0.44
0.50
6
Linear (25:1)
–
0.12
0.48
0.76
0.98
1.1
1.2
6
25 (VI)
Equal
percentage
(50:1)
–
0.007 0.045 0.16
0.41
1.1
1.25
8
–
0.070 0.12
0.26
0.61
1.5
2.0
10
–
0.11
0.19
0.48
1.0
2.3
2.7
15
½2.)
3
25 (IV)
–
–
Linear (10:1)
–
0.003 0.015 0.037 0.065 0.09
0.10
4
Linear (25:1)
–
0.015 0.1
0.19
0.27
0.33
0.35
4
Linear (10:1)
–
0.050 0.16
0.27
0.36
0.44
0.50
6
Linear (25:1)
–
0.12
0.48
0.76
0.98
1.1
1.2
6
25 (VI)
Equal
percentage
(50:1)
–
0.007 0.045 0.16
0.41
1.1
1.25
8
–
0.080 0.13
0.27
0.63
1.6
2.1
10
–
0.11
0.19
0.49
1.1
2.5
3.1
15
0.14 0.17
0.35
0.80
1.8
3.7
4.3
20
¾2.)
10
25 (IV)
–
25 (VI)
–
0.12
0.20
0.52
1.2
2.6
3.2
15
0.14 0.17
0.35
0.80
1.8
4.0
5.2
20
25 (IV)
25 (VI)
25 (VI)
0.20 0.25
0.45
1.1
2.4
5.2
7.1
25
12.)
15
25 (IV)
–
25 (VI)
0.14 0.17
0.35
0.80
1.8
4.1
5.3
20
25 (IV)
25 (VI)
25 (VI)
0.20 0.25
0.47
1.1
2.5
5.4
7.2
25
20 (VI)
0.35 0.38
1
2.2
5.1
9.4
12
32
1¼2.)
20
1300
25 (IV)
25 (VI)
25 (VI)
0.22 0.25
0.50
1.1
2.5
5.8
8
25
20 (VI)
0.40 0.47
1.1
2.5
5.4
10.3
13
32
1300
16 (IV)
16 (VI)
10 (VI)
0.48 0.60
1.3
3.1
6.8
14.0
17.8
2500
25 (IV)
25 (VI)
20 (VI)
40
1½2.)
25
1300
25 (IV)
25 (VI)
20 (VI)
0.40 0.50
1.1
2.6
5.6
10.7
13.6
32
1300
16 (IV)
16 (VI)
10 (VI)
0.48 0.60
1.3
3.2
6.9
15.0
20
2500
25 (IV)
25 (VI)
20 (VI)
40
1300
10 (III)
10 (VI)
6 (VI)
0.60 0.70
1.7
4.0
9.2
18.2
24
2500
18 (IV)
18 (VI)
14 (VI)
7700
25 (IV)
-
25 (VI)
50
22.)
32
1300
16 (IV)
16 (VI)
10 (VI)
0.48 0.60
1.3
3.2
6.9
16.0
21
2500
25 (IV)
25 (VI)
20 (VI)
40
1300
10 (III)
10 (VI)
6 (VI)
0.60 0.70
1.7
4.0
9.2
18.9
24.5
2500
18 (IV)
18 (VI)
14 (VI)
7700
25 (IV)
-
25 (VI)
50
1300
6 (III)
6 (VI)
–
0.90 1.1
2.9
6.8
15.5
29
37
2500
10 (III)
10 (VI)
8 (VI)
7700
25 (IV)
-
25 (VI)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com