Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3321 Datasheet(PDF) 16 Page - Christian Bürkert GmbH & Co. KG

Part # 3321
Description  Electromotive 2-way globe control valve
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

3321 Datasheet(HTML) 16 Page - Christian Bürkert GmbH & Co. KG

Back Button 3321 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG 3321 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG 3321 Datasheet HTML 14Page - Christian Bürkert GmbH & Co. KG 3321 Datasheet HTML 15Page - Christian Bürkert GmbH & Co. KG 3321 Datasheet HTML 16Page - Christian Bürkert GmbH & Co. KG 3321 Datasheet HTML 17Page - Christian Bürkert GmbH & Co. KG 3321 Datasheet HTML 18Page - Christian Bürkert GmbH & Co. KG 3321 Datasheet HTML 19Page - Christian Bürkert GmbH & Co. KG 3321 Datasheet HTML 20Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
Type 3361
16 | 29
Visit product website 
5.
Performance specifications
5.1. Fluidic data
Flow characteristics
• Flow characteristic acc. to DIN EN 60534 - 2 - 4
• Theoretical rangeability: K
VS/KV0 (see “Overview of flow characteristics with flow below seat” on page 17)
• K
VR value
1.)
at 5 % of stroke for seat size > 10
• K
VR value at 10 % of stroke for seat size ≤ 10
• The globe control valve has different flow characteristics and theoretical rangeabilities depending on the seat size (see “Overview
of flow characteristics with flow below seat” on page 17)
– equal percentage or linear
– 10:1, 25:1, 50:1
1.) K
VR value = smallest KV value at which the inclination tolerance according to DIN EN 60534 - 2 - 4 can still be maintained.
0
100
90
80
70
60
50
40
30
20
10
Stroke [%]
40
60
80
Flow
characteristic
seat size
3...6
Flow
characteristic
seat size
6...100
20
0
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com