Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3321 Datasheet(PDF) 23 Page - Christian Bürkert GmbH & Co. KG

Part # 3321
Description  Electromotive 2-way globe control valve
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

3321 Datasheet(HTML) 23 Page - Christian Bürkert GmbH & Co. KG

Back Button 3321 Datasheet HTML 19Page - Christian Bürkert GmbH & Co. KG 3321 Datasheet HTML 20Page - Christian Bürkert GmbH & Co. KG 3321 Datasheet HTML 21Page - Christian Bürkert GmbH & Co. KG 3321 Datasheet HTML 22Page - Christian Bürkert GmbH & Co. KG 3321 Datasheet HTML 23Page - Christian Bürkert GmbH & Co. KG 3321 Datasheet HTML 24Page - Christian Bürkert GmbH & Co. KG 3321 Datasheet HTML 25Page - Christian Bürkert GmbH & Co. KG 3321 Datasheet HTML 26Page - Christian Bürkert GmbH & Co. KG 3321 Datasheet HTML 27Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 29 page
background image
Type 3361
23 | 29
Visit product website 
6.
Product design and assembly
6.1. Product features
Note
More detailed information can be found in the operating instructions .
User interface
Device without display module:
In the version without operating display, the basic
functions are operated via 4 DIP switches and 2
push buttons. These are located under the blind
cover, which can be removed by turning it manually.
The device can also be configured in detail with the
Bürkert Communicator software via the büS service
interface. The buttons and switches are inactive for
version with optional display module
DIP switch*
SIM card
CLOSE button*
büS Service interface
OPEN button *
Mechanical manual control
Blind cover dismantled
Rugged Touch Display (optional):
The robust display module offers convenient op-
eration, configuration and display of all necessary
functions. Besides the start screen, various views
can be freely configured. The büS service interface
is also available here under the display module. The
display cannot be retrofitted in the field..
Navigation buttons
Menu button
Back button
Display
Sample layout: Process Control
in AUTOMATIC mode
View 1 of 1
POS
71 %
Hand
Information bar
Digital
position indicator
Actuation
Mechanical manual control:
The manual override for mechanical movement of
the valve is located for AG2 under the blind cover
or display module and for AG3 under the pressure
compensation element. It ensures that the actuator
can be operated even if the power supply fails.
Electrical control via operating elements:
The electrical manual override for operation can be
carried out directly on the touch display or, in the
version without display, via two buttons under the
blind cover.
Display elements
Display
360° LED light ring:
A clearly visible 360° LED ring is attached to the
blind cover or display module to indicate the device
status, the valve end position and the operating
status. The LED light ring lights up, blinks or flashes
into one or changing colours, depending on the LED
mode set
Mechanical position indicator:
The mechanical position indicator shows the current
valve position even if the supply voltage fails.
LED light ring
Valve open
Valve closed
Mechanical
position indicator
Data transmission (optional)
SIM card (optional):
With the optionally available SIM card, device-spe-
cific values and user settings can be stored and
quickly transferred to another device.
SIM card holder



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com