Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3321 Datasheet(PDF) 18 Page - Christian Bürkert GmbH & Co. KG

Part # 3321
Description  Electromotive 2-way globe control valve
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURKERT [Christian Bürkert GmbH & Co. KG]
Direct Link  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

3321 Datasheet(HTML) 18 Page - Christian Bürkert GmbH & Co. KG

Back Button 3321 Datasheet HTML 14Page - Christian Bürkert GmbH & Co. KG 3321 Datasheet HTML 15Page - Christian Bürkert GmbH & Co. KG 3321 Datasheet HTML 16Page - Christian Bürkert GmbH & Co. KG 3321 Datasheet HTML 17Page - Christian Bürkert GmbH & Co. KG 3321 Datasheet HTML 18Page - Christian Bürkert GmbH & Co. KG 3321 Datasheet HTML 19Page - Christian Bürkert GmbH & Co. KG 3321 Datasheet HTML 20Page - Christian Bürkert GmbH & Co. KG 3321 Datasheet HTML 21Page - Christian Bürkert GmbH & Co. KG 3321 Datasheet HTML 22Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 29 page
background image
Type 3361
18 | 29
Visit product website 
Nominal
diameter
(Pipe)
Seat
size
Actuator
force 1.)
Operating pressure
(Seat leakage class)
Charac­
teristics
(theoretical
rangeability)
K
V value at stroke
K
VS
value
Valve seat seal
Stain­
less
steel
PTFE
PEEK
5 % 10 %
30 %
50 %
70 %
90 %
DN
NPS
[N]
[bar(g)]
[m3/h]
[m3/h]
65
2½2.)
40
10000
25 (IV)
-
-
Equal
percentage
(50:1)
0.45 0.55
1.3
3.1
6.8
17.2
25.5
50
0.75 0.9
2.3
4.9
11
26
39.5
65
25 (VI)
1.1
1.4
3.2
8
18.5
46.5
62
80
32.)
50
25 (IV)
-
-
0.85 1
2.3
5
10.5
25
42
65
25 (VI)
1.4
1.7
3.8
8.2
19.5
50
70
80
21 (IV)
21 (VI)
17 (VI)
2.1
2.6
7
16
40
83
100
100 42.)
65
25 (IV)
-
25 (VI)
1.4
1.7
3.8
8.3
20
51
75
80
21 (IV)
21 (VI)
17 (VI)
2.1
2.6
7
17
44
89
115
100
13.5 (III)
13.5 (VI) 10.5 (VI)
3.2
3.9
9
20.5
51
118
140
1.) AG2: Actuator size 2 with a nominal force of 1300 or 2500 N
AG3: Actuator size 3 with a nominal force of 7700 or 10000 N
2.) Deviation for line connections according to ASME BPE: the next larger nominal connection size is used, e.g. NPS 1 instead of NPS ¾



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com