Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS410-IP Datasheet(PDF) 30 Page - Microchip Technology

Part # HCS410-IP
Description  KEELOQ짰 Code Hopping Encoder and Transponder
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS410-IP Datasheet(HTML) 30 Page - Microchip Technology

Back Button HCS410-IP Datasheet HTML 26Page - Microchip Technology HCS410-IP Datasheet HTML 27Page - Microchip Technology HCS410-IP Datasheet HTML 28Page - Microchip Technology HCS410-IP Datasheet HTML 29Page - Microchip Technology HCS410-IP Datasheet HTML 30Page - Microchip Technology HCS410-IP Datasheet HTML 31Page - Microchip Technology HCS410-IP Datasheet HTML 32Page - Microchip Technology HCS410-IP Datasheet HTML 33Page - Microchip Technology HCS410-IP Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 36 page
background image
HCS410
DS40158E-page 30
Preliminary
 2001 Microchip Technology Inc.
FIGURE 5-3:
TYPICAL VOLTAGE TRIP POINTS
TABLE 5-5:
CODE WORD TRANSMISSION TIMING PARAMETERS—MANCHESTER MODE
VDD = +2.0V to 6.3V
Commercial
(C): TAMB = 0°C to +70°C
Industrial
(I): TAMB = -40°C to +85°C
Code Words Transmitted
BSL1 = 0,
BSL0 = 0
BSL1 = 0,
BSL0 = 1
Symbol
Characteristic
Number
of TE
Min.
Typ.
Max.
Number
of TE
Min.
Typ.
Max.
Units
TE
Basic pulse element
1
720.0
800.0
880.0
1
360.0
400.0
440.0
µs
TP
Preamble duration
32
23.04
25.60
28.16
32
11.52
12.80
14.08
ms
TH
Header duration
4
2.88
3.20
3.52
4
1.44
1.60
1.76
ms
TSTART
Start bit
2
1.44
1.60
1.76
2
0.72
0.80
0.88
ms
THOP
Code hopping duration
64
46.08
51.20
56.32
64
23.04
25.60
28.16
ms
TFIX
Fixed code duration
74
53.28
59.20
65.12
74
26.64
29.60
32.56
ms
TSTOP
Stop bit
2
1.44
1.60
1.76
2
0.72
0.80
0.88
ms
TG
Guard time
32
23.0
25.6
28.2
32
11.5
12.8
14.1
ms
—
Total transmit time
210
151.2
168
184.8
210
75.6
84.0
92.4
ms
Note: The timing parameters are not tested but derived from the oscillator clock.
VDD = +2.0V to 6.3V
Commercial
(C): TAMB = 0°C to +70°C
Industrial
(I): TAMB = -40°C to +85°C
Code Words Transmitted
BSL1 = 1,
BSL0 = 0
BSL1 = 1,
BSL0 = 1
Symbol
Characteristic
Number
of TE
Min.
Typ.
Max.
Number
of TE
Min.
Typ.
Max.
Units
TE
Basic pulse element
1
360.0
400.0
440.0
1
180.0
200.0
220.0
µs
TP
Preamble duration
32
11.52
12.80
14.08
32
5.76
6.40
7.04
ms
TH
Header duration
4
1.44
1.60
1.76
4
0.72
0.80
0.88
ms
TSTART
Start bit
2
0.72
0.80
0.88
2
0.36
0.40
0.44
ms
THOP
Code hopping duration
64
23.04
25.60
28.16
64
11.52
12.80
14.08
ms
TFIX
Fixed code duration
74
26.64
29.60
32.56
74
13.32
14.8
16.28
ms
TSTOP
Stop bit
2
0.72
0.80
0.88
2
0.36
0.40
0.44
ms
TG
Guard time
32
11.5
12.8
14.1
32
5.8
6.4
7.0
ms
—
Total transmit time
210
75.6
84.0
92.4
210
37.8
42.0
46.2
ms
Note: The timing parameters are not tested but derived from the oscillator clock.
VLOW
Volts (V)
-40
050
85
2.0
1.6
1.8
2.2
2.4
2.6
Temp (C)
VLOW sel = 0
4.4
4.0
4.2
3.8
4.6
4.8
5.0
VLOW sel = 1
2.8
Nominal VLOW trip point
Legend



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com