Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS410-IP Datasheet(PDF) 13 Page - Microchip Technology

Part # HCS410-IP
Description  KEELOQ짰 Code Hopping Encoder and Transponder
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS410-IP Datasheet(HTML) 13 Page - Microchip Technology

Back Button HCS410-IP Datasheet HTML 9Page - Microchip Technology HCS410-IP Datasheet HTML 10Page - Microchip Technology HCS410-IP Datasheet HTML 11Page - Microchip Technology HCS410-IP Datasheet HTML 12Page - Microchip Technology HCS410-IP Datasheet HTML 13Page - Microchip Technology HCS410-IP Datasheet HTML 14Page - Microchip Technology HCS410-IP Datasheet HTML 15Page - Microchip Technology HCS410-IP Datasheet HTML 16Page - Microchip Technology HCS410-IP Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
HCS410
 2001 Microchip Technology Inc.
Preliminary
DS40158E-page 13
2.4
IFF Mode
IFF mode allows the decoder to perform an IFF valida-
tion, to write to the user EEPROM and to read from the
user EEPROM. Each operation consists of the decoder
sending an opcode data and the HCS410 giving a
response.
There are two IFF modes: IFF1 and IFF2. IFF1 allows
only one key IFF, while IFF2 allows two keys to be
used.
It is possible to use the HCS410 as an IFF token with-
out using a magnetic field for coupling. The HCS410
can be directly connected to the data line of the
decoder as shown in Figure 2-3. The HCS410 gets its
power from the data line as it would in normal transpon-
der mode. The communication is identical to the com-
munication used in transponder mode.
2.4.1
IFF MODE ACTIVATION
The HCS410 will enter IFF mode if the capacitor/induc-
tor resonant circuit generates a voltage greater than
approximately 1.0 volts on LC0. After the verified appli-
cation of power and elapse of the normal reset period,
the device will start responding by pulsing the DATA
line (LC0/1) with pulses as shown in Figure 2-17. This
action will continue until the pulse train is terminated by
receiving a start signal of duration 2TE, on the LC inputs
before the next expected marker pulse. The device
now enters the IFF mode and expects to receive an
‘Opcode’ and a 0/16/32-bit Data-stream to react on.
The data rate (TE) is determined by the TBSL bits in the
configuration word. See Section 3.0 for additional
details.
2.4.2
IFF DECODER COMMANDS
As shown in Figure 2-15, a logic 1 and 0 are differenti-
ated by the time between two rising edges. A long
pulse indicates a 1; a short pulse, a 0.
FIGURE 2-15: MODULATION FOR IFF COMMUNICATION
FIGURE 2-16: OVERVIEW OF IFF OPERATION
Note:
When IFF2 is enabled, seed transmissions
will not be allowed.
0
1
3 TE
TE
5 TE
0
1
TE
TE
2 TE
TE
Start or
previous
bit
TE
PPM Decoder Commands
PPM Encoder Response
Activate
Opcode
32/16-bit Challenge
32/16-bit IFF Response
Opcode
Activate
Opcode
16-bit Data
OK
Opcode
Activate
Opcode
16-bit Data
IFF
WRITE
READ
Opcode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com