Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS410-IP Datasheet(PDF) 20 Page - Microchip Technology

Part # HCS410-IP
Description  KEELOQ짰 Code Hopping Encoder and Transponder
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS410-IP Datasheet(HTML) 20 Page - Microchip Technology

Back Button HCS410-IP Datasheet HTML 16Page - Microchip Technology HCS410-IP Datasheet HTML 17Page - Microchip Technology HCS410-IP Datasheet HTML 18Page - Microchip Technology HCS410-IP Datasheet HTML 19Page - Microchip Technology HCS410-IP Datasheet HTML 20Page - Microchip Technology HCS410-IP Datasheet HTML 21Page - Microchip Technology HCS410-IP Datasheet HTML 22Page - Microchip Technology HCS410-IP Datasheet HTML 23Page - Microchip Technology HCS410-IP Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 36 page
background image
HCS410
DS40158E-page 20
Preliminary
 2001 Microchip Technology Inc.
3.7
Configuration Data
The configuration data is used to select various
encoder options. Further explanations of each of the
bits are described in the following sections.
3.7.1
CWBE: CODE WORD BLANKING ENABLE
BSL: BAUD RATE SELECT
Selecting this option allows code blanking as shown in
Table 3-3. If this option is not selected, all code words
are transmitted.
3.7.2
IDAMP: INTELLIGENT DAMPING
If IDAMP is set to ‘1’ intelligent damping is disabled.
3.7.3
SEED, TMPSD:
SEED TRANSMISSION
* Seed transmissions are allowed till the sychroniza-
tion counter crosses a XX7F16 boundary. e.g. If the
counter is initialized to 000016 when the device is
programmed, seed transmissions will be allowed
until the counter wraps from 007F16 to 008016 giving
the user 127 transmissions before seed transmis-
sions are disabled.
3.7.4
OSC: OSCILLATOR TUNING BITS
These bits allow the onboard oscillator to be tuned to
within 10% of the nominal oscillator speed over both
temperature and voltage.
TABLE 3-1:
CONFIGURATION OPTIONS
SEED
Symbol
Description
CWBE
Code Word Blanking Enable
IDAMP
Intelligent Damping for High Q LC Tank.
SEED/
IFF2
Enable Seed Transmissions
TMPSD/
IFF2
Temporary Seed Transmissions
OSC0:3
Onboard Oscillator Tuning Bits
MTX3
Minimum 3 Code Words Transmitted
VLOW
Low Voltage Trip Point Selection
LED
Enable LED output
BSL0:1
Baudrate Select
TBSL
Transponder Baud Rate
MANCH
Manchester Modulation Mode
ACOLI
Anti Collision Communication Enable
XPRF
Passive Proximity Activation
DINC
Delayed Increment Enable
XSER
Extended Serial Number
SEED
TMPSD
Description
00
No Seed/1 IFF Key
01
Seed Limited*
10
Always Enabled
11
IFF2/No Seed/2
IFF Keys
TABLE 3-2:
OSCILLATOR TUNING
OSC
Description
1000
Fastest
1001
1010
•
•
•
1111
Faster
0000
Nominal
0001
0010
•
•
•
0110
Slower
0111
Slowest
TABLE 3-3:
BAUD RATE SELECTION
Code Hopping Transmissions (TE)
Transponder Communication (TE)
BSL 1
BSL 0
PWM
Manchester
Codes Word
Transmitted*
TBSL
PPM
00
400
µs
800
µs
All
0
200
µs
01
200
µs
400
µs1 of 2
——
10
100
µs
200
µs1 of 2
——
11
100
µs
200
µs
1 of 4
1
100
µs
Note:
*If code word blanking is enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com