Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS410-IP Datasheet(PDF) 6 Page - Microchip Technology

Part # HCS410-IP
Description  KEELOQ짰 Code Hopping Encoder and Transponder
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS410-IP Datasheet(HTML) 6 Page - Microchip Technology

Back Button HCS410-IP Datasheet HTML 2Page - Microchip Technology HCS410-IP Datasheet HTML 3Page - Microchip Technology HCS410-IP Datasheet HTML 4Page - Microchip Technology HCS410-IP Datasheet HTML 5Page - Microchip Technology HCS410-IP Datasheet HTML 6Page - Microchip Technology HCS410-IP Datasheet HTML 7Page - Microchip Technology HCS410-IP Datasheet HTML 8Page - Microchip Technology HCS410-IP Datasheet HTML 9Page - Microchip Technology HCS410-IP Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
HCS410
DS40158E-page 6
Preliminary
 2001 Microchip Technology Inc.
2.1
Pinout Description
The HCS410 has the same footprint as all of the other
devices in the KEELOQ family, except for the two pins
that are reserved for transponder operations and the
LED that is now located at the same position as the S2
switch input.
• S[0:1] – are inputs with Schmitt Trigger detectors
and an internal 60k¾ (nominal) pull-down
resistors.
• S2/LED – uses the same input detection circuit as
S0/S1 but with an added PMOS transistor con-
nected to VDD capable of sourcing enough current
to drive an LED.
• LC[0:1] – is the transponder interface pins to be
connected to an LC circuit for inductive communi-
cation. LC0 is connected to a detector for data
input. Data output is achieved by clamping LC0
and LC1 to GND through two NMOS transistors.
These pins are also connected to a rectifier and a
regulator, providing power to the rest of the logic
and for charging an external power source (Bat-
tery/Capacitor) through VDD.
The input impedance of the LC pins is a function of
input voltage. At low voltages, the input impedance is
in the order of mega-ohms. When laying out a PC
board, care should be taken to ensure that there
is no cross coupling between the LC pins and
other traces on the board. Glitches on the LC lines
will cause the device to reset. A high-value resistor
(220 K
Ω) between LC0 and GND can be added to
reduce sensitivity.
TABLE 2-1:
PINOUT DESCRIPTION
Name
Pin Number
Description
S0
1
Switch input 0
S1
2
Switch input 1
S2/LED
3
Switch input 2/LED output, Clock pin for programming mode
LC1
4
Transponder interface pin
VSS
5
Ground reference connection
PWM
6
Pulse width modulation (PWM)
output pin/Data pin for
programming mode
LC0
7
Transponder interface pin
VDD
8
Positive supply voltage connection
TABLE 2-2:
FUNCTION CODES
LC0
S2
S1
S0
Comments
1
00
01
Normal Code Hopping transmission
2
00
10
Normal Code Hopping transmission
3
00
11
Delayed seed transmission if allowed by SEED and TMPSD/Normal
Code Hopping transmission
4
01
00
Normal Code Hopping transmission
5
01
01
Normal Code Hopping transmission
6
01
10
Normal Code Hopping transmission
7
01
11
Immediate seed transmission if allowed by SEED and TMPSD/Normal
Code Hopping transmission
8
10
00
Transponder mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com