Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS410-IP Datasheet(PDF) 14 Page - Microchip Technology

Part # HCS410-IP
Description  KEELOQ짰 Code Hopping Encoder and Transponder
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS410-IP Datasheet(HTML) 14 Page - Microchip Technology

Back Button HCS410-IP Datasheet HTML 10Page - Microchip Technology HCS410-IP Datasheet HTML 11Page - Microchip Technology HCS410-IP Datasheet HTML 12Page - Microchip Technology HCS410-IP Datasheet HTML 13Page - Microchip Technology HCS410-IP Datasheet HTML 14Page - Microchip Technology HCS410-IP Datasheet HTML 15Page - Microchip Technology HCS410-IP Datasheet HTML 16Page - Microchip Technology HCS410-IP Datasheet HTML 17Page - Microchip Technology HCS410-IP Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
HCS410
DS40158E-page 14
Preliminary
 2001 Microchip Technology Inc.
FIGURE 2-17: DECODER IFF COMMANDS AND WAVEFORMS
ACK pulses
Opcode
Transport
Code
32 bits
Writing
TBITC
TE
Data
16 bits
TOTD
TTTD
TWR
Only when writing Serial
Number, Config or IFF
programming
Serial number
1 to 32 bits
Encoder
Select
ACK
ACK pulses
Challenge
16/32 bits
Response
16/32 bits
ACK pulses
Opcode
TOTD
Response
Start
TRT
16 bits
01
Ack pulses
Read
Write/Program
Challenge
Encoder Select
2 TE
Repeat 18 times for programming
3TE 3TE
TE
TWR
TWR
Preamble
01
Preamble
TABLE 2-3:
IFF TIMING PARAMETERS
Parameter
Symbol
Minimum
Typical
Maximum
Units
Time Element
IFFB = 0
IFFB = 1
TE
—
—
200
100
—
—
µs
PPM Command Bit Time
Data = 1
Data = 0
TBITC
3.5
5.5
4
6
—
—
TE
PPM Response Bit Time
Data = 1
Data = 0
TBITR
—
—
2
3
—
—
TE
PPM Command Minimum High Time
TPMH
1.5
——
TE
Response Time (Minimum for Read)
TRT
6.5
——
ms
Opcode to Data Input Time
TOTD
1.8
——
ms
Transport Code to Data Input Time
TTTD
6.8
——
ms
IFF EEPROM Write Time (16 bits)
TWR
——
30
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com