Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS410-IP Datasheet(PDF) 18 Page - Microchip Technology

Part # HCS410-IP
Description  KEELOQ짰 Code Hopping Encoder and Transponder
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS410-IP Datasheet(HTML) 18 Page - Microchip Technology

Back Button HCS410-IP Datasheet HTML 14Page - Microchip Technology HCS410-IP Datasheet HTML 15Page - Microchip Technology HCS410-IP Datasheet HTML 16Page - Microchip Technology HCS410-IP Datasheet HTML 17Page - Microchip Technology HCS410-IP Datasheet HTML 18Page - Microchip Technology HCS410-IP Datasheet HTML 19Page - Microchip Technology HCS410-IP Datasheet HTML 20Page - Microchip Technology HCS410-IP Datasheet HTML 21Page - Microchip Technology HCS410-IP Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 36 page
background image
HCS410
DS40158E-page 18
Preliminary
 2001 Microchip Technology Inc.
3.0
EEPROM ORGANIZATION AND
CONFIGURATION
The HCS410 has nonvolatile EEPROM memory which
is used to store user programmable options. This infor-
mation includes encoder keys, serial number, and up to
64-bits of user information.
The HCS410 has two modes in which it operates as
specified by the configuration word. In the first mode
the HCS410 has a single encoder key which is used for
encrypting the code hopping portion of a CH Mode
transmission and generating a response during IFF val-
idation. Seed transmissions are allowed in this mode.
In the second mode the HCS410 is a transponder
device with two encoder keys.
The two different operating modes of the HCS410 lead
to different EEPROM memory maps.
In IFF1 mode, the HCS410 can act as a code hopping
encoder with Seed transmission, and as an IFF token
with one key.
In IFF2 mode, the HCS410 is able to act as a code hop-
ping transmitter and an IFF token with two encoder
keys.
3.1
Encoder Key 1 and 2
The 64-bit encoder key1 is used by the transmitter to
create the encrypted message transmitted to the
receiver in Code Hopping Mode. An IFF operation, can
use encoder key1 or key2 to generate the response to
a challenge received. The key(s) is created and pro-
grammed at the time of production using a key genera-
tion algorithm. Inputs to the key generation algorithm
are the serial number or seed for the particular
transmitter being used and a secret manufacturer’s
code. While a number of key generation algorithms are
supplied by Microchip, a user may elect to create their
own method of key generation. This may be done pro-
viding that the decoder is programmed with the same
means of creating the key for decryption purposes. If a
seed is used (CH Mode), the seed will also form part of
the input to the key generation algorithm.
3.2
Discrimination Value and Overflow
The discrimination value forms part of the code hop-
ping portion of a code hopping transmission. The least
significant 10 bits of the discrimination value are typi-
cally set to the least significant bits of the serial number.
The most significant 2 bits of the discrimination value
are the overflow bits (OVR1: OVR0). These are used to
extend the range of the synchronization counter. When
the synchronization counter wraps from FFFF16 to
000016 OVR0 is cleared and the second time a wrap
occurs OVR1 is cleared.
Once cleared, the overflow bits cannot be set again,
thereby creating a permanent record of the counter
overflow.
3.3
16-bit Synchronization Counter
This is the 16-bit synchronization counter value that is
used to create the code hopping portion for transmis-
sion. This value will be changed after every transmis-
sion. The synchronization counter is not used in IFF
mode.
IFF1 Mode
64-bit Encoder Key 1
64-bit Seed/Transport Code
(SEED0, SEED1, SEED2, SEED3)
32-bit Serial Number
(SER0, SER1)
64-bit User Area
(USR0, USR1, USER2, USR3)
10-bit Discrimination Value and 2 Overflow Bits.
16-bit Synchronization Counter
Configuration Data
IFF2 Mode
64-bit Encoder Key 1
64-bit Encoder Key 2/Transport Code
32-bit Serial Number
(SER0, SER1)
64-bit User EEPROM
(USR0, USR1, USER2, USR3)
10-bit Discrimination Value and 2 Overflow Bits.
16-bit Synchronization Counter
Configuration Data
*Patents have been applied for.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com