Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7262 Datasheet(PDF) 14 Page - OSRAM GmbH

Part # AS7262
Description  6-Channel Visible Spectral_ID Device with Electronic Shutter and Smart Interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS7262 Datasheet(HTML) 14 Page - OSRAM GmbH

Back Button AS7262 Datasheet HTML 10Page - OSRAM GmbH AS7262 Datasheet HTML 11Page - OSRAM GmbH AS7262 Datasheet HTML 12Page - OSRAM GmbH AS7262 Datasheet HTML 13Page - OSRAM GmbH AS7262 Datasheet HTML 14Page - OSRAM GmbH AS7262 Datasheet HTML 15Page - OSRAM GmbH AS7262 Datasheet HTML 16Page - OSRAM GmbH AS7262 Datasheet HTML 17Page - OSRAM GmbH AS7262 Datasheet HTML 18Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 48 page
background image
Datasheet, Public
Page 13
[v4-00] 2022-Nov-30
Document Feedback
AS7262 − Detailed Description
Figure 14:
AS7262 Functional Block Diagram
6-Channel Visible Spectral_ID Detector
The AS7262 6-channel Spectral_ID is a next-generation digital
spectral sensor device. Each channel has a Gaussian filter
characteristic with a full width half maximum (FWHM)
bandwidth of 40nm.
The sensor contains analog-to-digital converters (16-bit
resolution ADC), which integrate the current from each
channel’s photodiode. Upon completion of the conversion
cycle, the integrated result is transferred to the corresponding
data registers. The transfers are double-buffered to ensure that
the integrity of the data is maintained.
Interference filters enable high temperature stability and
minimal lifetime drift. Filter accuracy will be affected by the
angle of incidence which itself is limited by integrated aperture
and internal micro-lens structure. The aperture-limited field of
view is ±20.0° to deliver specified accuracy.
Detailed Description
RC Osc
Spectral_ID
Engine
VDD1
VDD2
GND
16MHz
MISO
SCK
MOSI
CSN_SD
RESN
°C
SPI
Master
TX / SDA_S
RX / SCL_S
UART / I
2C
LED_DRV
V BG
Multi
Spectral
Sensor
Y
LED_IND
O R
I2C_ENB
INT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com