Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7262 Datasheet(PDF) 15 Page - OSRAM GmbH

Part # AS7262
Description  6-Channel Visible Spectral_ID Device with Electronic Shutter and Smart Interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS7262 Datasheet(HTML) 15 Page - OSRAM GmbH

Back Button AS7262 Datasheet HTML 11Page - OSRAM GmbH AS7262 Datasheet HTML 12Page - OSRAM GmbH AS7262 Datasheet HTML 13Page - OSRAM GmbH AS7262 Datasheet HTML 14Page - OSRAM GmbH AS7262 Datasheet HTML 15Page - OSRAM GmbH AS7262 Datasheet HTML 16Page - OSRAM GmbH AS7262 Datasheet HTML 17Page - OSRAM GmbH AS7262 Datasheet HTML 18Page - OSRAM GmbH AS7262 Datasheet HTML 19Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 48 page
background image
Page 14
Datasheet, Public
Document Feedback
[v4-00] 2022-Nov-30
AS7262 − Detailed Description
Data Conversion Description
AS7262 spectral conversion is implemented via two
photodiode banks per device. Bank 1 consists of data from the
V, G, B, Y photodiodes. Bank 2 consists of data from the G, Y, O,
R photodiodes. Spectral conversion requires the integration
time (IT in ms) set to complete. If both photodiode banks are
required to complete the conversion, the 2nd bank requires an
additional IT ms. Minimum IT for a single bank conversion is
2.8 ms. If data is required from all 6 photodiodes then the device
must perform 2 full conversions (2 x Integration Time).
The spectral conversion process is controlled with BANK Mode
settings as follows:
BANK Mode 0: Data will be available in registers V, B, G & Y (O
and R registers will be zero) with conversions occurring
continuously.
BANK Mode 1: Data will be available in registers G, Y, O & R (V
and B registers will be zero) with conversions occurring
continuously.
BANK Mode 2: Data will be available in registers V, B, G, Y, O &
R with conversions occurring continuously.
When the bank setting is Mode 0, Mode 1, or Mode 2, the
spectral data conversion process operates continuously, with
new data available after each IT ms period. In the continuous
modes, care should be taken to assure prompt interrupt
servicing so that integration values from both banks are all
derived from the same spectral conversion cycle.
BANK Mode 3: Data will be available in registers V, B, G, Y, O &
R in One-Shot mode.
When the bank setting is set to Mode 3 the device initiates
One-Shot operation. The DATA_RDY bit is set to 1 once data is
available, indicating spectral conversion is complete. One-Shot
mode is intended for use when it is critical to ensure spectral
conversion results are obtained contemporaneously. An
example use for one-shot mode is when a digitally controlled
illumination source is briefly turned on for the purpose of taking
a set of filter readings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com